Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZT2000 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CZT2000
Description  NPN SILICON EXTREMELY HIGH VOLTAGE DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT2000 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CZT2000 Datasheet HTML 1Page - Central Semiconductor Corp CZT2000 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZT2000
SURFACE MOUNT
EXTREMELY HIGH VOLTAGE
NPN SILICON
DARLINGTON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT2000 type is
an NPN Epitaxial Planar Silicon darlington transistor
manufactured in an epoxy molded surface mount
package, designed for applications requiring extremely
high voltages and high gain capability.
MARKING: FULL PART NUMBER
SOT-223 CASE
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCES
200
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
600
mA
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=180V
500
nA
IEBO
VBE=10V
100
nA
BVCES
IC=1.0mA
200
V
VCE(SAT)
IC=20mA, IB=25µA
0.9
V
VCE(SAT)
IC=80mA, IB=40µA
1.1
V
VCE(SAT)
IC=160mA, IB=100µA
1.2
V
VBE(ON)
VCE=5.0V, IC=160mA
2.0
V
hFE
VCE=5.0V, IC=100µA
3000
hFE
VCE=5.0V, IC=10mA
3000
hFE
VCE=5.0V, IC=160mA
3000
R6 (1-March 2010)
www.centra lsemi.com


Similar Part No. - CZT2000

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
CZT2000 KEXIN-CZT2000 Datasheet
34Kb / 1P
PNP Silicon Extremely High Voltage Darlington Transistor
logo
Central Semiconductor C...
CZT2000 CENTRAL-CZT2000 Datasheet
528Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000_10 Datasheet
533Kb / 2P
SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
More results

Similar Description - CZT2000

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA29 CENTRAL-CMPTA29 Datasheet
80Kb / 2P
HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA44 CENTRAL-CMPTA44 Datasheet
78Kb / 2P
NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CZTA44 CENTRAL-CZTA44 Datasheet
92Kb / 2P
NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CZT250K CENTRAL-CZT250K Datasheet
73Kb / 2P
SURFACE MOUNT NPN EXTREMELY HIGH hFE SILICON DARLINGTON TRANSISTOR
CZT900K CENTRAL-CZT900K Datasheet
74Kb / 2P
SURFACE MOUNT NPN EXTREMELY HIGH hFE SILICON DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
CZT2000 KEXIN-CZT2000 Datasheet
34Kb / 1P
PNP Silicon Extremely High Voltage Darlington Transistor
CZTA44 KEXIN-CZTA44 Datasheet
34Kb / 1P
NPN Silicon Extremely High Voltage Transistor
logo
Central Semiconductor C...
CZT250K CENTRAL-CZT250K_10 Datasheet
533Kb / 2P
SURFACE MOUNT EXTREMELY HIGH hFE NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000_10 Datasheet
533Kb / 2P
SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA46 CENTRAL-CMPTA46_10 Datasheet
328Kb / 2P
SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com