Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC143B Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # SC143B
Description  BIDIRECTIONAL TRIODE THYRISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SC143B Datasheet(HTML) 1 Page - Digitron Semiconductors

  SC143B Datasheet HTML 1Page - Digitron Semiconductors SC143B Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SC143 SERIES
BIDIRECTIONAL TRIODE THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Repetitive peak off-stage voltage, gate open
SC143B
SC143D
SC143E
SC143M
VDRM
200
400
500
600
Volts
RMS on-state current (TC = 80°C)
IT(RMS)
8
Amps
Peak non-repetitive surge current (One Cycle, 60Hz)
ITSM
120
Amps
Circuit fusing considerations
(t = 1.0ms)
I2t
20
A2s
Critical rate of rise of on-state current
di/dt
10
A/µs
Peak gate power (pulse width = 10µs)
PGM
10
Watts
Average gate power (TC = 80°C, t = 8.3ms)
PG(AV)
0.5
Watts
Peak gate current (pulse width = 10µs)
IGM
3.5
Amps
Operating junction temperature range
TJ
-40 to +100
°C
Storage temperature range
Tstg
-40 to +125
°C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal resistance, junction to case
RӨJC
2.2
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak off state current (1)
(VD = VDRM, gate open)
TC = 25°C
TC = 100°C
IDRM
-
-
-
-
0.1
0.5
mA
Peak on-state voltage (1)
(ITM = 11A peak, pulse width ≤ 1 ms, duty cycle ≤ 2%)
(ITM = 17A peak, pulse width ≤ 1 ms, duty cycle ≤ 2%)
VTM
-
-
-
-
1.55
1.65
Volts
Critical rate of rise of off-state voltage (1)
(VD = Rated VDRM, gate open, exponential waveform, TC = 100°C)
dv/dt
-
150
-
V/µs
Critical rate of rise of commutating voltage (1)
(IT(RMS) = Rated RMS current on state current, VDRM = Rated peak off state voltage, gate
open, commutating di/dt = 4.3A/ms, TC = 80°C)
dv/dt(c)
4
-
-
V/µs
DC gate trigger current (continuous dc) (2)
(VD = 12V, trigger mode)
MT2(+), G(+), RL = 100Ω
MT2(-), G(-), RL = 100Ω
MT2(+), G(-), RL = 50Ω
MT2(+), G(+), RL = 50Ω, TC = -40°C
MT2(-), G(-), RL = 50Ω, TC = -40°C
MT2(+), G(-), RL = 25Ω, TC = -40°C
IGT
-
-
-
-
-
-
-
-
-
-
-
-
50
50
50
80
80
80
mA
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130205


Similar Part No. - SC143B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC143 NJSEMI-SC143 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
SC1437ISK-B42TR SEMTECH-SC1437ISK-B42TR Datasheet
93Kb / 8P
Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
SC1437ISK-B45TR SEMTECH-SC1437ISK-B45TR Datasheet
93Kb / 8P
Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
SC1437ISK-B47TR SEMTECH-SC1437ISK-B47TR Datasheet
93Kb / 8P
Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
More results

Similar Description - SC143B

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
T6411 DIGITRON-T6411 Datasheet
268Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T6401 DIGITRON-T6401 Datasheet
269Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T4120 DIGITRON-T4120 Datasheet
142Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2802 DIGITRON-T2802 Datasheet
144Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2801 DIGITRON-T2801 Datasheet
250Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2800 DIGITRON-T2800 Datasheet
145Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2500 DIGITRON-T2500 Datasheet
122Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC149 DIGITRON-SC149 Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC136 DIGITRON-SC136 Datasheet
147Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
MAC6400 DIGITRON-MAC6400 Datasheet
147Kb / 3P
BIDIRECTIONAL TRIODE THYRISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com