Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MH Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R5F110MH
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MH Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R5F110MH Datasheet HTML 63Page - Renesas Technology Corp R5F110MH Datasheet HTML 64Page - Renesas Technology Corp R5F110MH Datasheet HTML 65Page - Renesas Technology Corp R5F110MH Datasheet HTML 66Page - Renesas Technology Corp R5F110MH Datasheet HTML 67Page - Renesas Technology Corp R5F110MH Datasheet HTML 68Page - Renesas Technology Corp R5F110MH Datasheet HTML 69Page - Renesas Technology Corp R5F110MH Datasheet HTML 70Page - Renesas Technology Corp R5F110MH Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 67 of 149
Feb 21, 2014
Note 1.
The first clock pulse is generated after this period when the start/restart condition is detected.
Note 2.
The maximum value (MAX.) of tHD: DAT is during normal transfer and a wait state is inserted in the ACK (acknowledge)
timing.
Remark
The maximum value of Cb (communication line capacitance) and the value of Rb (communication line pull-up resistor) at
that time in each mode are as follows.
Fast mode: Cb = 320 pF, Rb = 1.1 k
(2)
I2C fast mode
(TA = -40 to +85 °C, 1.8 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
LS (low-speed main)
Mode
LV (low-voltage main)
Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCLA0 clock
frequency
fSCL
Fast mode:
fCLK
 3.5 MHz
2.7 V
 VDD  3.6 V
0
400
0
400
0
400
kHz
1.8 V
 VDD  3.6 V
0
400
0
400
0
400
kHz
Setup time of restart
condition
tSU: STA
2.7 V
 VDD  3.6 V
0.6
0.6
0.6
s
1.8 V
 VDD  3.6 V
0.6
0.6
0.6
s
Hold time Note 1
tHD: STA
2.7 V
 VDD  3.6 V
0.6
0.6
0.6
s
1.8 V
 VDD  3.6 V
0.6
0.6
0.6
s
Hold time when
SCLA0 = “L”
tLOW
2.7 V
 VDD  3.6 V
1.3
1.3
1.3
s
1.8 V
 VDD  3.6 V
1.3
1.3
1.3
s
Hold time when
SCLA0 = “H”
tHIGH
2.7 V
 VDD  3.6 V
0.6
0.6
0.6
s
1.8 V
 VDD  3.6 V
0.6
0.6
0.6
s
Data setup time
(reception)
tSU: DAT
2.7 V
 VDD  3.6 V
100
100
100
ns
1.8 V
 VDD  3.6 V
100
100
100
ns
Data hold time
(transmission) Note 2
tHD: DAT
2.7 V
 VDD  3.6 V
0
0.9
0
0.9
0
0.9
s
1.8 V
 VDD  3.6 V
0
0.9
0
0.9
0
0.9
s
Setup time of stop
condition
tSU: STO
2.7 V
 VDD  3.6 V
0.6
0.6
0.6
s
1.8 V
 VDD  3.6 V
0.6
0.6
0.6
s
Bus-free time
tBUF
2.7 V
 VDD  3.6 V
1.3
1.3
1.3
s
1.8 V
 VDD  3.6 V
1.3
1.3
1.3
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com