Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MG Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F110MG
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MG Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F110MG Datasheet HTML 9Page - Renesas Technology Corp R5F110MG Datasheet HTML 10Page - Renesas Technology Corp R5F110MG Datasheet HTML 11Page - Renesas Technology Corp R5F110MG Datasheet HTML 12Page - Renesas Technology Corp R5F110MG Datasheet HTML 13Page - Renesas Technology Corp R5F110MG Datasheet HTML 14Page - Renesas Technology Corp R5F110MG Datasheet HTML 15Page - Renesas Technology Corp R5F110MG Datasheet HTML 16Page - Renesas Technology Corp R5F110MG Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 153 page
background image
RL78/L1C
1. OUTLINE
R01DS0192EJ0200 Rev. 2.00
Page 13 of 149
Feb 21, 2014
1.5.2
80/85-pin products (without USB)
RTC1HZ
WINDOW
WATCHDOG
TIMER
LOW-SPEED
ON-CHIP
OSCILLATOR
12- BIT INTERVAL
TIMER
REAL-TIME
CLOCK
BUZZER OUTPUT
PCLBUZ0,
PCLBUZ1
CLOCK OUTPUT
CONTROL
2
DATA TRANSFER
CONTROL
EVENT LINK
CONTROLLER
BCD
ADJUSTMENT
CRC
SDAA0
SCLA0
SERIAL
INTERFACE IICA0
RAM
MULTIPLIER &
DIVIDER,
MULITIPLY-
ACCUMULATOR
RL78 CPU CORE
CODE FLASH MEMORY
DATA FLASH MEMORY
SERIAL ARRAY
UNIT1 (4 ch)
RxD2
TxD2
UART2
RxD3
TxD3
UART3
SCK20
SO20
SI20
CSI20
SCK30
SO30
SI30
CSI30
SCL20
SDA20
IIC20
SCL30
SDA30
IIC30
A/D CONVERTER
3
ANI2, ANI5, ANI6
ANI16 to ANI21
6
AVREFP/ANI0
AVREFM/ANI1
PORT 2
P20 to P27
8
PORT 6
P60, P61
2
PORT 7
P70 to P77
8
TIMER KB2_0
TKBO00
TKBO01
TIMER KB2_1
TKBO10
TKBO11
TIMER KB2_2
TKBO20
TKBO21
SERIAL ARRAY
UNIT0 (4 ch)
UART0
LINSEL
UART1
CSI00
CSI10
IIC00
IIC10
RxD0
TxD0
RxD1
TxD1
SCK00
SI00
SO00
SCK10
SI10
SO10
SCL00
SDA00
SCL10
SDA10
PORT 0
P00 to P07
8
LCD
CONTROLLER/
DRIVER
RAM SPACE
FOR LCD DATA
SEG0 to SEG6, SEG12 to SEG25,
SEG27 to SEG42, SEG48 to SEG55
44
8
COM0 to COM7
VL1 to VL4
CAPH
CAPL
TOOLRxD,
TOOLTxD
AVSS,
VSS0
AVDD,
VDD0
PORT 1
P10 to P12
3
PORT 3
P30 to P35
6
PORT 4
P40, P43 to P46
5
PORT 5
P50 to P52
3
PORT 12
P121 to P124
4
P125 to P127
3
P137
PORT 13
P130
PORT 14
P140 to P143
4
KEY RETURN
KR0 to KR7
8
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
TOOL0
ON-CHIP DEBUG
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
INTP0 to INTP7
8
ANO0
D/A CONVERTER
ANO1
PORT 15
P150 to P152,
P155, P156
5
SYSTEM
CONTROL
HIGH-SPEED
ON-CHIP
OSCILLATOR
RESET
X1
X2/EXCLK
XT1
XT2/EXCLKS
COMPARATOR
(1 ch)
COMPARATOR0
IVCMP0
IVREF0
VCOUT0
PORT 8
P82, P83
2
TIMER ARRAY
UNIT0 (8 ch)
ch 0
ch 1
ch 2
ch 3
ch 4
ch 5
ch 6
ch 7
REMOTE CARRIER
TI00/TO00
TI01/TO01
TI02/TO02
TI03/TO03
TI04/TO04
TI05/TO05
TI06/TO06
TI07/TO07
REMOOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com