| Electronic Components Datasheet Search |
|
RX64M Datasheet(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX64M Datasheet(HTML) 22 Page - Renesas Technology Corp |
|
22 / 67 page ![]() RX64M Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. R01DS0173EJ0090 Rev.0.90 Page 22 of 67 Feb 28, 2014 Ethernet controller REF50CK0, REF50CK1 Input 50-MHz reference clocks. These pins input reference signals for transmission/reception timings in RMII mode. RMII0_CRS_DV, RMII1_CRS_DV Input Indicate that there are carrier detection signals and valid receive data on RMII_RXD1 and RMII_RXD0 in RMII mode. RMII0_TXD0, RMII0_TXD1, RMII1_TXD0, RMII1_TXD1 Output 2-bit transmit data in RMII mode RMII0_RXD0, RMII0_RXD1, RMII1_RXD0, RMII1_RXD1 Input 2-bit receive data in RMII mode RMII0_TXD_EN, RMII1_TXD_EN Output Output pins for data transmit enable signals in RMII mode RMII0_RX_ER, RMII1_RX_ER Input Indicate an error has occurred during reception of data in RMII mode. ET0_CRS, ET1_CRS Input Carrier detection/data reception enable pins ET0_RX_DV, ET1_RX_DV Input Indicate that there are valid receive data on ET_ERXD3 to ET_ERXD0. ET0_EXOUT, ET1_EXOUT Output General-purpose external output pins ET0_LINKSTA ET1_LINKSTA Input Input link status from the PHY-LSI. ET0_ETXD0 to ET0_ETXD3, ET1_ETXD0 to ET1_ETXD3 Output 4 bits of MII transmit data ET0_ERXD0 to ET0_ERXD3, ET1_ERXD0 to ET1_ERXD3 Input 4 bits of MII receive data ET0_TX_EN, ET1_TX_EN Output Transmit enable pins. Function as signals indicating that transmit data is ready on ET_ETXD3 to ET_ETXD0. ET0_TX_ER, ET1_TX_ER Output Transmit error pins. Function as signals notifying the PHY_LSI of an error during transmission. ET0_RX_ER, ET1_RX_ER Input Receive error pins. Function as signals to recognize an error during reception. ET0_TX_CLK, ET1_TX_CLK Input Transmit clock pins. These pins input reference signals for output timings from ET_TX_EN, ET_ETXD3 to ET_ETXD0, and ET_TX_ER. ET0_RX_CLK, ET1_RX_CLK Input Receive clock pins. These pins input reference signals for input timings to ET_RX_DV, ET_ERXD3 to ET_ERXD0, and ET_RX_ER. ET0_COL, ET1_COL Input Input collision detection signals. ET0_WOL, ET1_WOL Output Receive Magic packets. ET0_MDC, ET1_MDC Output Output reference clock signals for information transfer via ET_MDIO. ET0_MDIO, ET1_MDIO I/O Input or output bidirectional signals for exchange of management information between the RX64M Group and the PHY-LSI. Table 1.4 Pin Functions (5/8) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |