Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MLGDLC Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # R5F564MLGDLC
Description  MCUs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MLGDLC Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button R5F564MLGDLC Datasheet HTML 38Page - Renesas Technology Corp R5F564MLGDLC Datasheet HTML 39Page - Renesas Technology Corp R5F564MLGDLC Datasheet HTML 40Page - Renesas Technology Corp R5F564MLGDLC Datasheet HTML 41Page - Renesas Technology Corp R5F564MLGDLC Datasheet HTML 42Page - Renesas Technology Corp R5F564MLGDLC Datasheet HTML 43Page - Renesas Technology Corp R5F564MLGDLC Datasheet HTML 44Page - Renesas Technology Corp R5F564MLGDLC Datasheet HTML 45Page - Renesas Technology Corp R5F564MLGDLC Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
RX64M Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0173EJ0090 Rev.0.90
Page 42 of 67
Feb 28, 2014
57
VSS_USB
58
AVCC_
USBA
59
USBA_
RREF
60
AVSS_
USBA
61
PVSS_
USBA
62
VSS2_
USBA
63
USBA_DM
64
USBA_DP
65
VSS1_
USBA
66
VCC_
USBA
67
P11
MTIC5V/TMCI3
SCK2/USBA_VBUS/
USBA_VBUSEN
IRQ1
68
P10
ALE
MTIC5W/TMRI3
USBA_OVRCURA
IRQ0
69
P53*1
BCLK
70
P52
RD#
RXD2/SMISO2/SSCL2
71
P51
WR1#/BC1#/
WAIT#
SCK2
72
P50
WR0#/WR#
TXD2/SMOSI2/SSDA2
73
VSS
74
P83
EDACK1
MTIOC4C/
GTIOC0A-D
CTS10#/ET0_CRS/
RMII0_CRS_DV/
SCK10
75
VCC
76
UB
PC7
A23/CS0#
MTIOC3A/MTCLKB/
GTIOC3A-D/TMO2/
TOC0/PO31/CACREF
TXD8/MISOA-A/
ET0_COL
MMC_D7-A
IRQ14
77
PC6
A22/CS1#
MTIOC3C/MTCLKA/
GTIOC3B-D/TMCI2/
TIC0/PO30
RXD8/MOSIA-A/
ET0_ETXD3
MMC_D6-A
IRQ13
78
PC5
A21/CS2#/
WAIT#
MTIOC3B/MTCLKD/
GTIOC1A-D/TMRI2/
PO29
SCK8/RSPCKA-A/
RTS8#/ET0_ETXD2
MMC_D5-A
79
P82
EDREQ1
MTIOC4A/
GTIOC2A-D/PO28
TXD10/ET0_ETXD1/
RMII0_TXD1
MMC_D4-A
80
P81
EDACK0
MTIOC3D/
GTIOC0B-D/PO27
RXD10/ET0_ETXD0/
RMII0_TXD0
MMC_D3-A/
SDHI_CD-A/
QIO3-A
81
P80
EDREQ0
MTIOC3B/PO26
SCK10/RTS10#/
ET0_TX_EN/
RMII0_TXD_EN
MMC_D2-A/
SDHI_WP-A/
QIO2-A
82
PC4
A20/CS3#
MTIOC3D/MTCLKC/
GTETRG-D/TMCI1/
PO25/POE0#
SCK5/CTS8#/SSLA0-
A/ET0_TX_CLK
MMC_D1-A/
SDHI_D1-A/
QIO1-A/QMI-A
83
PC3
A19
MTIOC4D/
GTIOC1B-D/TCLKB/
PO24
TXD5/SMOSI5/
SSDA5/
ET0_TX_ER
MMC_D0-A/
SDHI_D0-A/
QIO0-A/
QMO-A
84
P77
CS7#
PO23
TXD11/ET0_RX_ER/
RMII0_RX_ER
MMC_CLK-A/
SDHI_CLK-A/
QSPCLK-A
Table 1.6
List of Pin and Pin Functions (176-Pin LQFP) (3/7)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
Interrupt
S12ADC,
R12DA
176-Pin
LQFP
(MTU, GPTA, TPU,
TMR, PPG, RTC,
CMTW, POE, CAC)
(ETHERC, SCIg,
SCIh, RSPI, RIIC,
CAN, USB, SSI)
(QSPI, SDHI,
MMCIF, PDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com