| Electronic Components Datasheet Search |
|
R5F564MFCDLC Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F564MFCDLC Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 67 page ![]() RX64M Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. R01DS0173EJ0090 Rev.0.90 Page 21 of 67 Feb 28, 2014 Serial communications interface (SCIg) Asynchronous mode/clock synchronous mode SCK0 to SCK7 I/O Input/output pins for the clock RXD0 to RXD7 Input Input pins for received data TXD0 to TXD7 Output Output pins for transmitted data CTS0# to CTS7# Input Input pins for controlling the start of transmission and reception RTS0# to RTS7# Output Output pins for controlling the start of transmission and reception Simple I2C mode SSCL0 to SSCL7 I/O Input/output pins for the I2C clock SSDA0 to SSDA7 I/O Input/output pins for the I2C data Simple SPI mode SCK0 to SCK7 I/O Input/output pins for the clock SMISO0 to SMISO7 I/O Input/output pins for slave transmission of data SMOSI0 to SMOSI7 I/O Input/output pins for master transmission of data SS0# to SS7# Input Chip-select input pins Serial communications interface (SCIh) Asynchronous mode/clock synchronous mode SCK12 I/O Input/output pin for the clock RXD12 Input Input pin for received data TXD12 Output Output pin for transmitted data CTS12# Input Input pin for controlling the start of transmission and reception RTS12# Output Output pin for controlling the start of transmission and reception Simple I2C mode SSCL12 I/O Input/output pin for the I2C clock SSDA12 I/O Input/output pin for the I2C data Simple SPI mode SCK12 I/O Input/output pin for the clock SMISO12 I/O Input/output pin for slave transmission of data SMOSI12 I/O Input/output pin for master transmission of data SS12# Input Chip-select input pin Extended serial mode RXDX12 Input Input pin for received data TXDX12 Output Output pin for transmitted data SIOX12 I/O Input/output pin for received or transmitted data Serial communications interface with FIFO (SCIFA) SCK8 to SCK11 I/O Input/output pins for the clock RXD8 to RXD11 Input Input pins for received data TXD8 to TXD11 Output Output pins for transmitted data CTS8# to CTS11# Input Input pins for controlling the start of transmission and reception RTS8# to RTS11# Output Output pins for controlling the start of transmission and reception I2C bus interface SCL0[FM+], SCL2 I/O Input/output pins for clocks. Bus can be directly driven by the N- channel open drain SDA0[FM+], SDA2 I/O Input/output pins for data. Bus can be directly driven by the N- channel open drain Table 1.4 Pin Functions (4/8) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |