Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59165 Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 59165
Description  59165 Moulded Switch Features and Benefits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

59165 Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  59165 Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
38
Hamlin USA
Tel: +1 920 648 3000 • Fax: +1 920 648 3001 • Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 • Fax: +44 (0)1379 649702 • Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6181 953660 • Fax: +49 (0) 6181 9536666 • Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 • Fax: +33 (0) 1 4686 6786 • Email: sales.fr@hamlin.com
TABLE 1
Form A
Normally
Contact Type
Open
Switch Type
1
Power
Watt - max.
10
Voltage
Switching
Vdc - max.
200
Breakdown
Vdc - min.
250
Current
Switching
A - max.
0.5
Carry
A - max.
0.8
Resistance
Contact, Initial
Ω - max.
0.2
Insulation
Ω - min.
10
10
Capacitance
Contact
pF - typ.
0.3
Temperature
Operating
°C
-40 to +105
Storage
°C
-65 to +105
Time
Operate
ms - max.
1.0
Release
ms - max.
1.0
Shock
11ms 1⁄2 sine
G - max.
100
Vibration
50-2000 Hz
G - max.
30
TABLE 3
Termination Options:-
SELECT
DESCRIPTION
OPTION
A
Leaded
B
Staple Form
C
Gull Wing bulk packed
D
Gull Wing taped and reel
TABLE 2
Sensitivity Options:-
Activate Distances are approximate using Hamlin 57045 actuator as illustrated
Switch AT before modification
Select Option
S
T
U
Switch
Pull In
Activate
Pull In
Activate
Pull In
Activate
Type
AT
Distance
AT
Distance
AT
Distance
Range
d
Range
d
Range
d
(in) mm
(in) mm
(in) mm
1 Normally Open
10-15
(.295)
15-20
(.256)
20-25
(.197)
7,5
6,5
5,0
CUSTOMER OPTIONS - Switching Specifications
CUSTOMER OPTIONS - Sensitivity and Termination Specification
ORDERING INFORMATION
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE.
Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by
providing information specific to any particular application. HAMLIN
disclaims any and all liability whatsoever for any purchaser’s reliance
upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
59036
Switch Type
Table 1
Table 2
Table 3
Sensitivity
Termination
www.hamlin.com
1
X
00
X
DIMENSIONS (in) mm
59165
Series 59165
Features
• 2 part magnetically operated
proximity sensor
• Gull Wing, leaded and staple form
options
• Tape and reel option (consult Hamlin)
• Moulded stand-off to allow board
washing
• Customer defined sensitivity
• Solder reflow capable
Benefits
• Suitable for pick and place
• No standby power requirement
• Operates through non-ferrous
materials such as wood, plastic or
aluminium
• Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to
contamination
Applications
• Position and limit sensing
• Security system switch
• Door switch
59165 Moulded Switch Features and Benefits
D
ISSUE No: 4
DATE: 1/5/3
N.B. 57045 actuator sold separately
Double click on tag for Recommended Land Pattern


Similar Part No. - 59165

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59165 LITTELFUSE-59165 Datasheet
516Kb / 3P
Overmolded Reed Switches
logo
HAMLIN Position and Mov...
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
Moulded Switch Features and Benefits
More results

Similar Description - 59165

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE700 ETC2-HE700 Datasheet
486Kb / 2P
D.I.L. Relay Features and Benefits
logo
HAMLIN Position and Mov...
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
Firecracker Features and Benefits
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
Clamp Sensor Features and Benefits
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
PCB Mount Features and Benefits
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
Threaded Barrel Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
Moulded Switch Features and Benefits
59250-1-S-01-A HAMLIN-59250-1-S-01-A Datasheet
89Kb / 1P
Seating Occupancy Reed Switch Sensor Features and Benefits
59251-1-S-01-A HAMLIN-59251-1-S-01-A Datasheet
89Kb / 1P
Seating Occupancy Reed Switch Sensor Features and Benefits
logo
List of Unclassifed Man...
MK9SST ETC2-MK9SST Datasheet
96Kb / 1P
Features & Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com