Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70035 Datasheet(PDF) 2 Page - 3M Electronics

Part # 70035
Description  3M Moisture Barrier Bag Dri-Shield 2000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

70035 Datasheet(HTML) 2 Page - 3M Electronics

  70035 Datasheet HTML 1Page - 3M Electronics 70035 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Data Sheet
3M™ Moisture Barrier Bag Dri-Shield 2000
3M™ Moisture Barrier Bag Dri-Shield 2000
Product Data Sheet
3
Electronic Solutions Division
Static Control Products
926 JR Industrial Drive
Sanford, NC 27332-9733
Toll-Free: 866-722-3736
International: 919-718-0000
Email: 3mstaticinfo@mmm.com
www.3Mstatic.com
Please recycle. Printed in USA.
© 3M 2013. All rights reserved.
98-0799-1139-6 JHA
Important Notice
All statements, technical information, and recommendations related to 3M’s products
are based on information believed to be reliable, but the accuracy or completeness is not
guaranteed. Before using this product, you must evaluate it and determine if it is suitable for
your intended application. You assume all risks and liability associated with such use. Any
statements related to the product which are not contained in 3M’s current publications, or
any contrary statements contained on your purchase order shall have no force or effect unless
expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture for one year from the
time of purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT
LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE
. If this product is defective within the warranty period
stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M
product or refund the purchase price of the 3M product. Except where prohibited by law,
3M will not be liable for any indirect, special, incidental or consequential loss or damage
arising from this 3M product, regardless of the legal theory asserted.
3M is a trademark of 3M Company. All other trademarks are owned by their respective companies.
*
RoHS 2011/65/EU Compliant means that the product or part does not contain any of the substances in excess of the maximum
concentration values (“MCVs”) in EU RoHS Directive 2011/65/EU. The MCVs are by weight in homogeneous materials. This
information represents 3M’s knowledge and belief, which may be based in whole or in part on information provided by third party
suppliers to 3M.
In the event any product is proven not to conform with 3M’s Regulatory Information, then 3M’s entire liability and Buyer’s exclusive
remedy will be in accordance with the Warranty stated below.
**Lead-free means that the product has less than 2 ppm of lead when tested by ICP-AES, with reference to EPA method
3051A/3052.
• Standard sizes stocked for prompt shipment
(usually same day) .
• Width is measured from inside seam to inside
seam.
• Length is measured from the top edge to the
bottom fold.
• Opening is in the “width” dimension.
• Custom bag sizes, custom printing and custom
hot stamping are available.
• Most sizes are packed 100 per case.
• Small sizes are packed 500 or 1,000 per case.
Tolerance (inches): Width -0, +0.250
Length +/- 0.125 Offset 0 to 0.250
Seal width +/- 0.125
Dimensions
(W x L in.)
Part No.
Dimensions
(W x L in.)
Part No.
Dimensions
(W x L in.)
Part No.
3 x 5
70035
6 x 30
700630
12 x 18
7001218
4 x 6
70046
8 x 10
700810
14 x 30
7001430
4 x 24
700424
8 x 12
700812
15 x 18
7001518
5 x 30
700530
10 x 12
7001012
16 x 18
7001618
6 x 8
70068
10 x 20
7001020
17 x 19
7001719
6 x 10
700610
10 x 24
7001024
18 x 18
7001818
6 x 24
700624
10 x 30
7001030
18 x 24
7001824
12 x 16
7001216
Custom sizes and printing available.
Open Top Bag



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com