Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072CD Datasheet(PDF) 1 Page - Motorola, Inc

Part # TL072CD
Description  LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL072CD Datasheet(HTML) 1 Page - Motorola, Inc

  TL072CD Datasheet HTML 1Page - Motorola, Inc TL072CD Datasheet HTML 2Page - Motorola, Inc TL072CD Datasheet HTML 3Page - Motorola, Inc TL072CD Datasheet HTML 4Page - Motorola, Inc TL072CD Datasheet HTML 5Page - Motorola, Inc TL072CD Datasheet HTML 6Page - Motorola, Inc TL072CD Datasheet HTML 7Page - Motorola, Inc TL072CD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TL071 (Top View)
TL072 (Top View)
TL074 (Top View)
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
P SUFFIX
PLASTIC PACKAGE
CASE 626
N SUFFIX
PLASTIC PACKAGE
CASE 646
(TL074 Only)
1
1
8
8
PIN CONNECTIONS
PIN CONNECTIONS
4
23
1
+
14
1
Offset Null
Noninvt Input
VEE
Inv + Input
VEE
Inputs A
Output A
Inputs 1
Output 1
VCC
Inputs 2
Output 2
NC
VCC
Output
Offset Null
Inputs B
Output B
VCC
Output 4
Inputs 4
VEE
Inputs 3
Output 3
–
–
+
+
–
–
––
+
+
++
18
7
6
5
2
3
4
18
7
6
5
2
3
4
114
13
12
11
10
9
8
2
3
4
5
6
7
TL071C,AC
TL072C,AC
TL074C,AC
SEMICONDUCTOR
TECHNICAL DATA
LOW NOISE, JFET INPUT
OPERATIONAL AMPLIFIERS
Order this document by TL071C/D
1
MOTOROLA ANALOG IC DEVICE DATA
Low Noise, JFET Input
Operational Amplifiers
These low noise JFET input operational amplifiers combine two
state–of–the–art analog technologies on a single monolithic integrated
circuit. Each internally compensated operational amplifier has well matched
high voltage JFET input device for low input offset voltage. The BIFET
technology provides wide bandwidths and fast slew rates with low input bias
currents, input offset currents, and supply currents. Moreover, the devices
exhibit low noise and low harmonic distortion, making them ideal for use in
high fidelity audio amplifier applications.
These devices are available in single, dual and quad operational
amplifiers which are pin–compatible with the industry standard MC1741,
MC1458, and the MC3403/LM324 bipolar products.
• Low Input Noise Voltage: 18 nV/ Hz Typ
• Low Harmonic Distortion: 0.01% Typ
• Low Input Bias and Offset Currents
• High Input Impedance: 1012 Ω Typ
• High Slew Rate: 13 V/µs Typ
• Wide Gain Bandwidth: 4.0 MHz Typ
• Low Supply Current: 1.4 mA per Amp
ORDERING INFORMATION
Op Amp
Function
Device
Operating
Temperature Range
Package
Single
TL071CD
TA =0° to +70°C
SO–8
Single
TL071ACP
TA = 0° to +70°C
Plastic DIP
Dual
TL072CD
TA =0° to +70°C
SO–8
Dual
TL072ACP
TA = 0° to +70°C
Plastic DIP
Quad
TL074CN, ACN
TA = 0° to +70°C
Plastic DIP
© Motorola, Inc. 1997
Rev 1


Similar Part No. - TL072CD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL072CD ONSEMI-TL072CD Datasheet
169Kb / 8P
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Texas Instruments
TL072CD TI-TL072CD Datasheet
903Kb / 36P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072CD TI-TL072CD Datasheet
487Kb / 15P
LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072CD STMICROELECTRONICS-TL072CD Datasheet
115Kb / 9P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
Dec-1998
TL072CD STMICROELECTRONICS-TL072CD Datasheet
305Kb / 16P
Low noise J-FET dual operational amplifiers
06-Mar-2007
More results

Similar Description - TL072CD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Texas Instruments
TL071 TI-TL071_07 Datasheet
1Mb / 41P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_96 Datasheet
220Kb / 14P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_10 Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071CPSE4 TI-TL071CPSE4 Datasheet
1Mb / 49P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074ING4 TI-TL074ING4 Datasheet
908Kb / 36P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI1-TL071_16 Datasheet
2Mb / 51P
Low-Noise JFET-Input Operational Amplifiers
TL071 TI1-TL071_18 Datasheet
2Mb / 68P
Low-Noise JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com