Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR1170HG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR1170HG-S08-R
Description  800MA LDO REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR1170HG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UR1170HG-S08-R Datasheet HTML 1Page - Unisonic Technologies UR1170HG-S08-R Datasheet HTML 2Page - Unisonic Technologies UR1170HG-S08-R Datasheet HTML 3Page - Unisonic Technologies UR1170HG-S08-R Datasheet HTML 4Page - Unisonic Technologies UR1170HG-S08-R Datasheet HTML 5Page - Unisonic Technologies UR1170HG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UR1170
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-A31.a
ELECTRICAL CHARACTERISTICS(Cont.)
UR1170H
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
6.0
V
Supply Current
ISS
VIN-VOUT=1.0V, VCE=VIN
80
160
µA
Standby Current
ISTB
VIN=6.0V, VCE=GND
0.1
1.0
µA
Output Voltage
VOUT
VIN-VOUT=1.0V, IOUT=100mA
x0.98
x1.02
V
Output Current
IOUT
VIN-VOUT=1.0V
800
mA
Load Regulation
∆VOUT/∆IOUT VIN-VOUT=1.0V, 1mA≤IOUT≤300mA
30
100
mV
Dropout Voltage
VDIF
IOUT=300mA
VOUT=1.5
0.35
0.45
V
VOUT=1.6
0.30
0.35
V
VOUT=1.7
0.25
0.30
V
VOUT=1.8≤VOUT≤2.0
0.20
0.25
V
VOUT=2.1≤VOUT≤2.4
0.15
0.20
V
VOUT=2.5≤VOUT≤4.0
0.12
0.18
V
Line Regulation
∆VOUT/∆VIN IOUT=100mA, VOUT+0.5V≤VIN≤8.0V
0.05
0.30
%/V
Ripple Rejection
RR
f=1kHz,Ripple 0.5Vp-p
50
dB
Output Voltage
Temperature Coefficient
∆VOUT/∆T
-40°C≤TOPT≤ 85°C
±100
ppm
/°C
Short Current Limit
ILIM
VOUT=0V
40
mA
Pull-down resistance for CE
pin
RPD
1.25
2.5
5
MΩ
CE Input Voltage “H”
VCEH
1.5
V
CE Input Voltage “L”
VCEL
0.25
V
Thermal Shutdown Detector
Threshold Temperature
TTSD
Junction Temperature
150
°C
Thermal Shutdown Released
Temperature
TTSR
Junction Temperature
120
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com