Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR2001 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MR2001
Description  MEDIUM CURRENT SILICON RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MR2001 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MR2001 Datasheet HTML 1Page - Digitron Semiconductors MR2001 Datasheet HTML 2Page - Digitron Semiconductors MR2001 Datasheet HTML 3Page - Digitron Semiconductors MR2001 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MR2000 SERIES
MEDIUM CURRENT SILICON RECTIFIERS
MAXIMUM RATINGS
Ratings
Symbol
MR
2000
MR
2001
MR
2002
MR
2004
MR
2006
MR
2008
MR
2010
Unit
Peak repetitive reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
Volts
Non-repetitive peak reverse voltage
(half-wave, single phase, 60Hz peak)
VRSM
60
120
240
480
720
960
1200
Volts
RMS forward current
I(RMS)
40
Amps
Average rectified forward current
(single phase, resistive load, 60Hz, TC = 150°C)
IO
20
Amps
Non-repetitive peak surge current
(surge applied @ rated load conditions, half
wave, single phase, 60Hz)
IFSM
400(1 cycle)
Amps
Operating and storage temperature range
TJ, Tstg
-65 to +175
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
1.3
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Maximum instantaneous forward voltage
(IF = 63A, TC = 25°C)
VF
1.1
Volts
Maximum reverse current (rated dc voltage)
TC = 25°C
TC = 100°C
IR
100
500
µA
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121127


Similar Part No. - MR2001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MR2001R NXP-MR2001R Datasheet
3Mb / 43P
76-77 GHz RF receiver front-end for W-band radar applications
Rev. 5.0, 9/2016
MR2001R NXP-MR2001R Datasheet
350Kb / 5P
76-77 GHz RF receiver front-end for W-band radar applications
Rev. 2.0, 9/2016
logo
New Jersey Semi-Conduct...
MR2001S NJSEMI-MR2001S Datasheet
85Kb / 1P
MEDIUM-CURRENT SILICON RECTIFIERS
logo
NXP Semiconductors
MR2001T NXP-MR2001T Datasheet
2Mb / 43P
76-77 GHz RF transmitter front-end for W-band radar applications
Rev. 6.0, 8/2016
MR2001T NXP-MR2001T Datasheet
512Kb / 5P
76-77 GHz RF transmitter front-end for W-band radar applications
Rev. 2.0, 8/2016
More results

Similar Description - MR2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2600B ETC-S2600B Datasheet
94Kb / 3P
HIGH VOLTAGE MEDIUM CURRENT SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MR3025 ONSEMI-MR3025 Datasheet
71Kb / 8P
Medium-Current Silicon Rectifiers
October, 2000 ??Rev. 1
logo
General Semiconductor
S6000D GE-S6000D Datasheet
95Kb / 3P
High Voltage, Medium Current Silicon Controlled Rectifiers
logo
List of Unclassifed Man...
M1A1 ETC1-M1A1 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
logo
ON Semiconductor
MR2502 ONSEMI-MR2502 Datasheet
95Kb / 8P
Medium-Current Silicon Rectifiers
October, 2000 ??Rev. 3
logo
New Jersey Semi-Conduct...
1N3491 NJSEMI-1N3491 Datasheet
103Kb / 1P
Medium-current silicon rectifiers
S2600B NJSEMI-S2600B Datasheet
74Kb / 2P
High Voltage, Medium Current Silicon Controlled Rectifiers
MR2502 NJSEMI-MR2502 Datasheet
70Kb / 2P
Medium-Current Silicon Rectifiers
MR2400 NJSEMI-MR2400 Datasheet
82Kb / 1P
MEDIUM-CURRENT SILICON RECTIFIERS
MR2000S NJSEMI-MR2000S Datasheet
85Kb / 1P
MEDIUM-CURRENT SILICON RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com