Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6235 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6235
Description  DMOS driver for 3-phase brushless DC motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6235 Datasheet HTML 8Page - STMicroelectronics L6235 Datasheet HTML 9Page - STMicroelectronics L6235 Datasheet HTML 10Page - STMicroelectronics L6235 Datasheet HTML 11Page - STMicroelectronics L6235 Datasheet HTML 12Page - STMicroelectronics L6235 Datasheet HTML 13Page - STMicroelectronics L6235 Datasheet HTML 14Page - STMicroelectronics L6235 Datasheet HTML 15Page - STMicroelectronics L6235 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Circuit description
L6235
12/35
DocID7618 Rev 2
5.2
Logic inputs
Pins FWD/REV, BRAKE, EN, H1, H2 and H3 are TTL/CMOS compatible logic inputs. The
internal structure is shown in Figure 6. Typical value for turn-ON and turn-OFF thresholds
are respectively Vth(ON) = 1.8 V and Vth(OFF) = 1.3 V.
Pin EN (enable) may be used to implement overcurrent and thermal protection by
connecting it to the open collector DIAG output. If the protection and an external disable
function are both desired, the appropriate connection must be implemented. When the
external signal is from an open collector output, the circuit in Figure 7 can be used. For
external circuits that are push-pull outputs the circuit in Figure 8 could be used. The resistor
REN should be chosen in the range from 2.2 K to 180 K. Recommended values for REN
and CEN are respectively 100 K and 5.6 nF. More information for selecting the values can
be found in Section 10: Non-dissipative overcurrent detection and protection on page 22.
Figure 6. Logic input internal structure
Figure 7. Pin EN open collector driving
Figure 8. Pin EN push-pull driving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com