Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG95234Style Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VG95234Style
Description  ABCIRP Signal/High Speed Data Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VG95234Style Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VG95234Style Datasheet HTML 1Page - List of Unclassifed Manufacturers VG95234Style Datasheet HTML 2Page - List of Unclassifed Manufacturers VG95234Style Datasheet HTML 3Page - List of Unclassifed Manufacturers VG95234Style Datasheet HTML 4Page - List of Unclassifed Manufacturers VG95234Style Datasheet HTML 5Page - List of Unclassifed Manufacturers VG95234Style Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AB Connectors
General Note
AB Connectors reserves the right to make changes in product specification without notice or liability.
All information is subject to AB Connectors’ own data and is considered accurate at time of going to print.
© AB Connectors Limited, Abercynon, Mountain Ash, Rhondda Cynon Taff CF45 4SF, UK.
Telephone: +44 (0) 1443 740331 • Facsimile: +44 (0) 01443 741676 • Email: sales@ttabconnectors.com • Website: www.ttabconnectors.com
Issue 04
02.11
Signal High Speed
Data Connector
Cable ID: Quadrax 100Base-Tx @ 85m
Test Summary: PASS
Date / Time: 12/02/2010 02:09:10pm
Headroom: 3.1 dB (NEXT 12-36)
Test Limit: 100BASE-TX
Cable Type: Cat 5e UTP
Operator: R WATKINS
Software Version: 2.2400
Limits Version: 1.3700
NVP: 69.0%
Model: DTX-1800
Main S/N: 1225023
Remote S/N: 1225024
Main Adapter: DTX-CHA002
Remote Adapter: DTX-CHA002
Project: New Project
UNTITLED.flw
LinkWare Version 6.0
0
60
12
24
36
48
0
100
Insertion Loss
dB
Frequency (MHz)
0
100
20
40
60
80
0
100
NEXT
dB
Frequency (MHz)
0
100
20
40
60
80
0
100
NEXT @ Remote
dB
Frequency (MHz)
0
60
12
24
36
48
0
100
RL
dB
Frequency (MHz)
0
60
12
24
36
48
0
100
RL @ Remote
dB
Frequency (MHz)
Wire Map (Ethernet Two-Pair)
PASS
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
S
S
Patch Cable BAD or Patch Cable too short
Length (ft), Limit 328
[Pair 36]
286
Prop. Delay (ns)
[Pair 12]
440
Delay Skew (ns)
[Pair 12]
18
Resistance (ohms)
[Pair 12]
14.1
Impedance (ohms)
[Pair 36]
100
Insertion Loss Margin (dB)
[Pair 12]
1.1
Frequency (MHz)
[Pair 12] 100.0
Limit (dB)
[Pair 12]
24.0
Worst Case Margin
Worst Case Value
PASS
MAIN
MAIN
SR
SR
Worst Pair
12-36
12-36
12-36
12-36
NEXT (dB)
3.5
3.1
6.2
4.9
Freq. (MHz)
11.6
29.1
90.8
82.5
Limit (dB)
42.8
36.1
27.8
28.5
PASS
MAIN
MAIN
SR
SR
Worst Pair
36
12
36
36
RL (dB)
11.5
10.5
11.5
12.9
Freq. (MHz)
91.0
2.8
91.0
100.0
Limit (dB)
8.4
15.0
8.4
8.0
Compliant Network Standards:
10BASE-T
100BASE-TX
287 ft
6
Quadrax test results for 100 Base-Tx @85m
A subsidiary of
TT electronics plc
Quadrax test results for 1000 Base-T @85m
Cable ID: Quadrax 1000Base-T @ 85m
Test Summary: PASS
Date / Time: 12/03/2010 09:53:09am
Headroom: 4.0 dB (NEXT 45-78)
Test Limit: 1000BASE-T
Cable Type: Cat 5e UTP
Operator: R WATKINS
Software Version: 2.2400
Limits Version: 1.3700
NVP: 69.0%
Model: DTX-1800
Main S/N: 1225023
Remote S/N: 1225024
Main Adapter: DTX-CHA002
Remote Adapter: DTX-CHA002
Project: New Project
UNTITLED.flw
LinkWare Version 6.0
0
60
12
24
36
48
0
100
Insertion Loss
dB
Frequency (MHz)
0
100
20
40
60
80
0
100
NEXT
dB
Frequency (MHz)
0
100
20
40
60
80
0
100
NEXT @ Remote
dB
Frequency (MHz)
0
100
20
40
60
80
0
100
ACR-F
dB
Frequency (MHz)
0
100
20
40
60
80
0
100
ACR-F @ Remote
dB
Frequency (MHz)
0
60
12
24
36
48
0
100
RL
dB
Frequency (MHz)
0
60
12
24
36
48
0
100
RL @ Remote
dB
Frequency (MHz)
Wire Map (T568B)
PASS
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
S
S
Patch Cable BAD or Patch Cable too short
Length (ft), Limit 328
[Pair 36]
286
Prop. Delay (ns), Limit 570
440
Delay Skew (ns), Limit 50
18
Resistance (ohms)
[Pair 12]
14.4
Impedance (ohms)
[Pair 36]
100
Insertion Loss Margin (dB)
[Pair 12]
0.5
Frequency (MHz)
[Pair 12] 100.0
Limit (dB)
[Pair 12]
24.0
Worst Case Margin
Worst Case Value
PASS
MAIN
MAIN
SR
SR
Worst Pair
12-36
45-78
45-78
45-78
NEXT (dB)
4.7
4.0
5.1
4.1
Freq. (MHz)
6.9
83.0
97.3
97.3
Limit (dB)
46.6
28.5
27.3
27.3
PASS
MAIN
MAIN
SR
SR
Worst Pair
45-78
45-78
36-45
45-36
ACR-F (dB)
8.2
8.2
12.8
12.2
Freq. (MHz)
10.5
10.5
91.8
91.8
Limit (dB)
36.6
36.6
17.7
17.7
Worst Pair
78
78
45
45
PS ACR-F (dB)
9.8
10.1
14.2
13.9
Freq. (MHz)
10.1
9.4
91.8
88.3
Limit (dB)
34.3
35.0
15.1
15.5
PASS
MAIN
MAIN
SR
SR
Worst Pair
45
36
36
36
RL (dB)
11.8
10.2
12.3
10.2
Freq. (MHz)
3.8
89.0
86.3
89.0
Limit (dB)
15.0
8.5
8.7
8.5
Compliant Network Standards:
10BASE-T
100BASE-TX
100BASE-T4
1000BASE-T
ATM-25
ATM-51
ATM-155
100VG-AnyLan
TR-4
TR-16 Active
TR-16 Passive
287 ft
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com