| Electronic Components Datasheet Search |
|
AD7656ABSTZ Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AD7656ABSTZ Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 28 page ![]() AD7656A Data Sheet V1 V2 V3 V4 V5 V6 CONVST A, CONVST B, CONVST C BUSY CS RD DATA tQUIET t7 t8 t9 t4 t2 t3 t5 t6 tACQ tCONVERT t10 Figure 23. Parallel Interface Timing Diagram (W/B = 0) LOW BYTE HIGH BYTE DB15 TO DB8 CS RD t3 t6 t7 t8 t4 t5 t9 Figure 24. Parallel Interface—Read Cycle for Byte Mode of Operation (W/B = 1, HBEN = 0) The CS signal can be permanently tied low, and the RD signal can be used to access the conversion results. A read operation can take place after the BUSY signal goes low. The number of required read operations depends on the number of ADCs that are simultaneously sampled (see Figure 23). If CONVST A and CONVST B are simultaneously brought low, four read operations are required to obtain the conversion results from V1, V2, V3, and V4. If CONVST A and CONVST C are simultaneously brought low, four read operations are required to obtain the conversion results from V1, V2, V5, and V6. The conversion results are output in ascending order. When using the three CONVST x signals to independently initiate conversions on the three ADC pairs, ensure that a conversion is not initiated on a channel pair when the BUSY signal is high. It is also recommended not to initiate a conversion during a read sequence because doing so can affect the performance of the conversion. For the specified performance, it is recommended to perform the read after the conversion. For unused input channel pairs, tie the associated CONVST x pin to VDRIVE. If there is only an 8-bit bus available, the AD7656A interface can be configured to operate in byte mode (W/B = 1). In this configuration, the DB7/HBEN/DCEN pin takes on its HBEN function. Each channel conversion result from the AD7656A can be accessed in two read operations, with eight bits of data provided on DB15 to DB8 for each of the read operations (see Figure 24). The HBEN pin determines whether the read operation first accesses the high byte or the low byte of the 16-bit conversion result. To always access the low byte first on DB15 to DB8, tie the HBEN pin low. To always access the high byte first on DB15 to DB8, tie the HBEN pin high. In byte mode when all three CONVST x pins are pulsed together to initiate simultaneous conversions on all six ADCs, 12 read operations are necessary to read back the six 16-bit conversion results. Leave DB6 to DB0 unconnected in byte mode. Rev. 0 | Page 18 of 28 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |