Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7902SDZ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EVAL-AD7902SDZ
Description  Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EVAL-AD7902SDZ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EVAL-AD7902SDZ Datasheet HTML 1Page - List of Unclassifed Manufacturers EVAL-AD7902SDZ Datasheet HTML 2Page - List of Unclassifed Manufacturers EVAL-AD7902SDZ Datasheet HTML 3Page - List of Unclassifed Manufacturers EVAL-AD7902SDZ Datasheet HTML 4Page - List of Unclassifed Manufacturers EVAL-AD7902SDZ Datasheet HTML 5Page - List of Unclassifed Manufacturers EVAL-AD7902SDZ Datasheet HTML 6Page - List of Unclassifed Manufacturers EVAL-AD7902SDZ Datasheet HTML 7Page - List of Unclassifed Manufacturers EVAL-AD7902SDZ Datasheet HTML 8Page - List of Unclassifed Manufacturers EVAL-AD7902SDZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
AD7902
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, VREF = 5 V, TA = −40°C to +125°C, unless otherwise noted.1
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT2
Voltage Range
INx+ − INx−
0
VREF
V
Absolute Input Voltage
INx+
−0.1
VREF + 0.1
V
INx+, INx−
−0.1
0
+0.1
V
Analog Input CMRR
fIN = 450 kHz
67
dB
Leakage Current at 25°C
Acquisition phase
200
nA
ACCURACY
No Missing Codes
16
Bits
Differential Nonlinearity Error3
VREF = 5 V
−1.0
±0.5
+1.0
LSB
VREF = 2.5 V
±0.8
LSB
Integral Nonlinearity Error3
VREF = 5 V
−2.5
±1.0
+2.5
LSB
VREF = 2.5 V
±0.9
LSB
Transition Noise3
VREF = 5 V
0.75
LSB
VREF = 2.5 V
1.2
LSB
Gain Error4
TMIN to TMAX
−0.08
±0.012
+0.08
% FS
Gain Error Temperature Drift
0.3
ppm/°C
Gain Error Match4
TMIN to TMAX
0.016
0.08
% FS
Zero Error4
TMIN to TMAX
−1.25
±0.25
+1.25
mV
Zero Temperature Drift
0.19
ppm/°C
Zero Error Match4
TMIN to TMAX
0.2
1.0
mV
Power Supply Sensitivity3
VDD = 2.5 V ± 5%
±0.1
LSB
THROUGHPUT
Conversion Rate
VIO ≥ 2.3 V up to 85°C, VIO ≥ 3.3 V
above 85°C, up to 125°C
0
1
MSPS
Transient Response
Full-scale step
290
ns
AC ACCURACY5
Dynamic Range
VREF = 5 V
92
dB
VREF = 2.5 V
87
dB
Oversampled Dynamic Range
fOUT = 10 kSPS
111
dB
Signal-to-Noise Ratio (SNR)
fIN = 1 kHz, VREF = 5 V
89.5
91.5
dB
fIN = 1 kHz, VREF = 2.5 V
84.5
86.5
dB
Spurious-Free Dynamic Range (SFDR)
fIN = 1 kHz
−105
dB
Total Harmonic Distortion (THD)
fIN = 1 kHz
−105
dB
Signal-to-Noise-and-Distortion Ratio (SINAD)
fIN = 1 kHz, VREF = 5 V
89
91
dB
fIN = 1 kHz, VREF = 2.5 V
84
86
dB
Channel-to-Channel Isolation
fIN = 10 kHz
−112
dB
1
The voltages for the VDDx, VIOx, and REFx pins are indicated by VDD, VIO, and VREF, respectively.
2
For information regarding input impedance, see the Analog Inputs section
3
For the 5 V input range, 1 LSB = 76.3 µV. For the 2.5 V input range, 1 LSB = 38.2 µV.
4
See the Terminology section. These specifications include full temperature range variation, but they do not include the error contribution from the external reference.
5
All specifications in decibels (dB) are referred to a full-scale input FSR. Although these parameters are referred to full scale, they are tested with an input signal at 0.5 dB below
full scale, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com