Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9213 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9213 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ML9213 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9213 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
FEDL9213-01
1Semiconductor
ML9213
10/19
FUNCTIONAL DESCRIPTION
Power-on Reset
When power is turned on, the ML9213 is initialized by the internal power-on reset circuit.
The status of the internal circuit after initialization is as follows:
N The contents of the shift registers and latches are set to “0”.
N The anode dimming duty cycle is set to “0”.
N All segment outputs (SEG1 to 56) are set to Low level.
N The GRID1 output is set to Low level.
N The GRID2 and GRID3 outputs are set to High level.
Data Transfer Method
Data can be transferred between the rising edge and the next falling edge of chip select input.
The mode data, segment data and anode dimming data are written by a serial transfer method. The serial data is
input to the shift register at the rising edge of a shift clock pulse.
The mode data (M0 to M2) must be transferred after the segment data and anode dimming data succeedingly.
When the chip select input falls, an internal LOAD signal is automatically generated and data is loaded to the
latches.
Set the shift clock to a High level except during data transfer.
Function Mode
Function mode is selected by the mode data (M0 to M2). The relation between function mode and mode data is as
follows:
MODE DATA
FUNCTION MODE
OPERATING MODE
M0
M1
M2
0
Segment Data for
GRID1-3 Input
0
0
0
1
Segment Data for
GRID1 Input
1
0
0
2
Segment Data for
GRID2 Input
0
1
0
3
Segment Data for
GRID3 Input
1
1
0
4
Digital Dimming Data Input
0
0
1
CS
CLOCK
DATA IN
M0 M1 M2
Segment data or dimming data
Mode data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com