Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF14 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # RF14
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RF14 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button RF14 Datasheet HTML 31Page - Renesas Technology Corp RF14 Datasheet HTML 32Page - Renesas Technology Corp RF14 Datasheet HTML 33Page - Renesas Technology Corp RF14 Datasheet HTML 34Page - Renesas Technology Corp RF14 Datasheet HTML 35Page - Renesas Technology Corp RF14 Datasheet HTML 36Page - Renesas Technology Corp RF14 Datasheet HTML 37Page - Renesas Technology Corp RF14 Datasheet HTML 38Page - Renesas Technology Corp RF14 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
RL78 Family
Chapter 5
User Interface
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 35 of 53
Mar. 28, 2014
FDL_Init
[Function]
FDL initialization processing
[Format]
<C language>
fdl_status_t __far FDL_Init(const __far fdl_descriptor_t* descriptor_pstr)
<Assembler>
CALL !FDL_Init or CALL !!FDL_Init
Remark Call this function by using ! if placing the FDL at 00000H to 0FFFFH or by using !! if not.
[Pre-conditions]
1.
The FSL and EEL processing must be either not executing or finished.
2.
The high-speed on-chip oscillator has been started up.
[Post-conditions]
Execute the FDL_Open function.
[Cautions]
1.
Be sure to execute this function when starting EEPROM emulation to make it possible to start accessing the
data flash memory.
2.
This function is mutually exclusive with the FSL. Before executing this function, be sure to end FSL. Also,
never use any FSL functions during EEPROM emulation.
3.
To use FSL after this function is executed, the RAM must be reinitialized, so always execute this function
when restarting the EEL.
4.
To execute this function again, always be sure to end EEL.
5.
The descriptor table used for this function cannot be modified. Be sure to use a defined descriptor table.
[Register status after calling this function]
Return Value : C
Corrupted registers: AX (argument), BC (argument)
[Arguments]
Argument
Type
Description
descriptor_pstr
fdl_descriptor_t* (far)
Pointer to the descriptor table
[Return values]
Type
Symbol Definition
Description
fdl_status_t
FDL_OK
Normal end
FDL_ERR_CONFIGURATION
Initialization error. The setting is incorrect. Or
high-speed on-chip oscillator does not run. Make sure
that the defined data has not been changed and the
high-speed on-chip oscillator has been started up.
Remark Assembly language return values are stored in register C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com