Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSR100G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UPSR100G-S08-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSR100G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UPSR100G-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSR100G-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSR100G-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSR100G-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSR100G-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSR100G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UPSR100
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-946.c
OPERATION DESCRIPTION
The UTC UPSR100 is a primary control unit for switch mode charger and adapter applications. It operates in
primary-side sensing and regulation. Opto-coupler and TL431 could be eliminated. Proprietary built-in CV and CC
control can achieve high precision CV/CC performance. It uses Pulse Frequency Modulation (PFM) method to build
discontinuous conduction mode (DCM) flyback power supplies.
Startup control
The voltage regulator provides the internal power supply VDD. For VCC and VDD external capacitors are required.
The current biasing of UTC UPSR100 is adjustable by an external resistor. Internal time constants, thresholds and
the output current depend from the value of this resistor. The startup circuit activates the IC after startup and
deactivates the IC in case of UVLO.
Operating Current
The Operating current of UTC UPSR100 is as low as 500µA. Good efficiency and very low standby power can be
achieved.
Constant Voltage Operation
The output voltage is defined by the transmission ratio between the secondary and auxiliary winding. The UTC
UPSR100
captures the auxiliary winding feedback voltage at FB pin and operates in constant-voltage (CV) mode to
regulate the output voltage. The auxiliary voltage reflects the output voltage is given by:
V
Δ
+
V
×
N
N
=
V
O
S
A
AUX
(1)
Where
V
indicates the drop voltage of the output diode.
Figure 2. Auxiliary voltage waveform
Via a resistor divider connected between the auxiliary winding and FB, the VAUX is sampled at the Tsampling end
and it is hold until the next sampling. The sampled voltage is compared with 4V reference voltage and the error is
amplified. The error amplifier output reflects the load condition and controls the Toff time to regulate the output
voltage, thus constant output voltage can be achieved.
Constant Current Operation
When the sampled voltage is below 4V reference voltage and the error amplifier output reaches its maximum, thus
UTC UPSR100 operates in constant-current (CC) mode. The CC point and maximum output power can be externally
adjusted by external current sense resistor Rcs. The larger Rcs, the smaller CC point is, and the smaller output
power becomes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com