Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCV676AG-TN4-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCV676AG-TN4-R
Description  400mA LOW-DROP VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCV676AG-TN4-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UCV676AG-TN4-R Datasheet HTML 1Page - Unisonic Technologies UCV676AG-TN4-R Datasheet HTML 2Page - Unisonic Technologies UCV676AG-TN4-R Datasheet HTML 3Page - Unisonic Technologies UCV676AG-TN4-R Datasheet HTML 4Page - Unisonic Technologies UCV676AG-TN4-R Datasheet HTML 5Page - Unisonic Technologies UCV676AG-TN4-R Datasheet HTML 6Page - Unisonic Technologies UCV676AG-TN4-R Datasheet HTML 7Page - Unisonic Technologies UCV676AG-TN4-R Datasheet HTML 8Page - Unisonic Technologies UCV676AG-TN4-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UCV676/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R102-051. B
ABSOLUTE MAXIMUM RATING (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
45
V
Input Peak Transient Voltage
VIN
45
V
Inhibit INH Voltage
VINH
45
V
Voltage Adjust Input VA
VVA
10
V
Output Voltage
VOUT
40
V
Ground Current
Iq
100
mA
Input Voltage Operating Range (Note 2)
VI
VOUT+0.5V or 4.5V~40
V
Junction Temperature
TJ
-40~150
°C
Storage Temperature
TSTG
-50~150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. During the voltage range which exceeds the maximum tested voltage of VIN, operation is assured, but not
specified. Wider limits may apply. Thermal dissipation must be observed closely.
ELECTRICAL CHARACTERISTICS (V
IN=13.5V, T J=25°C, unless otherwise noted.)
For UCV676/A-1.8
PARAMETER
SYMBOL
TEST CONDITIONS
UCV676
UCV676A
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT
Output Voltage
VOUT
5.0mA<IOUT<400mA,
4.5V<VIN<28V
1.728
1.8
1.872
-
-
-
V
5.0mA<IOUT<200mA,
4.5V<VIN< 40V
1.728
1.8
1.872
-
-
-
V
Output Current Limitation
IOUT
VOUT=90% VOUT(TYP)
400
700
1100
400
700
1100
mA
Quiescent Current
(Sleep Mode)
Iq
Iq=II-IOUT, VINH=0V
-
-
10
-
-
10
μA
Quiescent Current
Iq
Iq=II - IOUT
IOUT=1.0mA
-
130
220
-
130
200
μA
IOUT=250mA
-
10
15
-
10
15
mA
IOUT=400mA
-
25
35
-
25
35
mA
Dropout Voltage
VDR
VIN=4.5V, IOUT=250mA,
VDR=VIN-VOUT
-
-
2.772
-
-
-
V
Load Regulation
ΔVOUT IOUT= 5.0mA~400mA
-
10
35
-
3.0
20
mV
Line Regulation
ΔVOUT ΔVIN=12V~32V, IOUT=5.0mA
-
2.5
25
-
4.0
15
mV
Power Supply Ripple
Rejection
PSRR
fr=100Hz, Vr= 0.5VPP
-
60
-
-
70
-
dB
Temperature coefficient of
VOUT
ΔVOUT/ΔT
-
0.5
-
-
0.5
-
mV/K
INHIBIT
Inhibit Voltage, Output High
VINH
VOUT
≥VOUT(MIN)
-
2.8
3.5
-
2.3
2.8
V
Inhibit Voltage, Output Low
(Off)
VINH
VOUT
≤0.1V
0.5
1.7
-
1.8
2.2
-
V
Input Current
IINH
VINH=5.0V
5.0
10
20
5.0
10
20
μA
THERMAL SHUTDOWN
Thermal Shutdown
Temperature (Note 2)
TSD
IOUT=5.0mA
150
-
210
150
-
210
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com