Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA659 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA659
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA659 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  OPA659 Datasheet HTML 1Page - National Semiconductor (TI) OPA659 Datasheet HTML 2Page - National Semiconductor (TI) OPA659 Datasheet HTML 3Page - National Semiconductor (TI) OPA659 Datasheet HTML 4Page - National Semiconductor (TI) OPA659 Datasheet HTML 5Page - National Semiconductor (TI) OPA659 Datasheet HTML 6Page - National Semiconductor (TI) OPA659 Datasheet HTML 7Page - National Semiconductor (TI) OPA659 Datasheet HTML 8Page - National Semiconductor (TI) OPA659 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
8
7
6
5
NC
+V
S
Output
NC
NC
InvertingInput
NoninvertingInput
-
V
S
1
2
3
5
4
+V
S
InvertingInput
Output
-
V
S
NoninvertingInput
OPA659
SBOS342B – DECEMBER 2008 – REVISED AUGUST 2009 ............................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA659IDBVT
Tape and reel, 250
OPA659
SOT23-5
DBV
–40°C to +85°C
BZX
OPA659IDBVR
Tape and reel, 3000
OPA659IDRBT
Tape and reel, 250
OPA659
VSON-8
DRB
–40°C to +85°C
OBFI
OPA659IDRBR
Tape and reel, 3000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
OPA653
UNIT
Power Supply Voltage VS+ to VS–
±6.5
V
Input Voltage
±VS
V
Input Current
100
mA
Output Current
100
mA
Continuous Power Dissipation
See Thermal Characteristics
Operating Free Air Temperature Range, TA
–40 to +85
°C
Storage Temperature Range
–65 to +150
°C
Maximum Junction Temperature, TJ
+150
°C
Maximum Junction Temperature, TJ (continuous operation for long term reliability)
+125
°C
Human Body Model (HBM)
4000
V
ESD
Charge Device Model (CDM)
1000
V
Rating:
Machine Model
200
V
DRB PACKAGE
DRV PACKAGE
VSON-8
SOT23-5
(TOP VIEW)
(TOP VIEW)
Note:
NC: Not connected.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com