Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA830 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button OPA830 Datasheet HTML 4Page - National Semiconductor (TI) OPA830 Datasheet HTML 5Page - National Semiconductor (TI) OPA830 Datasheet HTML 6Page - National Semiconductor (TI) OPA830 Datasheet HTML 7Page - National Semiconductor (TI) OPA830 Datasheet HTML 8Page - National Semiconductor (TI) OPA830 Datasheet HTML 9Page - National Semiconductor (TI) OPA830 Datasheet HTML 10Page - National Semiconductor (TI) OPA830 Datasheet HTML 11Page - National Semiconductor (TI) OPA830 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 3).
8
7
6
5
4
3
2
1
0
−1
−2
−3
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
110
100
200
C
L = 1000pF
C
L = 100pF
C
L =10pF
750Ω
R
S
OPA830
V
I
V
O
50Ω
1kΩ(1)
C
L
750Ω
NOTE: (1) 1kΩ is optional.
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
OUTPUT SWING vs LOAD RESISTANCE
Resistance (
Ω)
10
100
1k
G= +5V/V
V
S = ±5V
120
110
100
90
80
70
60
50
40
30
20
10
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1k
0dB Peaking Targeted
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
−160 −120
−80
−40
0
40
80
120
160
1W Internal
Power Lim it
Output
Current Limit
Output
Current Lim it
1W Internal
P ower Limit
R
L = 500Ω
R
L =100Ω
R
L =50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com