Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2832 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2832
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2832 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button OPA2832 Datasheet HTML 10Page - National Semiconductor (TI) OPA2832 Datasheet HTML 11Page - National Semiconductor (TI) OPA2832 Datasheet HTML 12Page - National Semiconductor (TI) OPA2832 Datasheet HTML 13Page - National Semiconductor (TI) OPA2832 Datasheet HTML 14Page - National Semiconductor (TI) OPA2832 Datasheet HTML 15Page - National Semiconductor (TI) OPA2832 Datasheet HTML 16Page - National Semiconductor (TI) OPA2832 Datasheet HTML 17Page - National Semiconductor (TI) OPA2832 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
80
70
60
50
40
30
20
10
0
Frequency (Hz)
100
1M
10M
1k
10k
100k
100M
CMRR
+PSRR
1.2
1.0
0.8
0.6
0.4
0.2
0
Number of 150
ΩLoads
1
2
3
4
dG
dP
1 /2
O P A 2 8 3 2
VI
Video
Loads
+5V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
R
L (Ω )
10
100
1k
G = +2V/V
V
S = +5V
100
10
1
0.1
Frequency (Hz)
1k
10M
10k
100k
1M
100M
1/2
O P A 28 32
+5V
Z
O
400
Ω
200
Ω
400
Ω
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
Ambient Temperature (20
_C/div)
10
8
6
4
2
0
−2
−4
Bias Current (I
B)
10
× Input Offset (I
OS)
Input Offset Voltage (V
OS)
−40 −20
0
20
40
60
80
100
120
140
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
Ambient Temperature (10
_C/div)
−50
0
50
90
Most Positive Input Voltage
Least Positive Output Voltage
Least Positive Input Voltage
Most Positive Output Voltage
R
L = 150Ω
OPA2832
SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008 ............................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = +25°C, G = +2V/V, and RL = 150Ω to VCM = 2V, unless otherwise noted (see Figure 61).
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
COMPOSITE VIDEO dG/dP
Figure 31.
Figure 32.
OUTPUT SWING vs LOAD RESISTANCE
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Figure 33.
Figure 34.
VOLTAGE RANGES vs TEMPERATURE
TYPICAL DC DRIFT OVER TEMPERATURE
Figure 35.
Figure 36.
14
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com