Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2835IDGS Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2835IDGS
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2835IDGS Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button OPA2835IDGS Datasheet HTML 30Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 31Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 32Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 33Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 34Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 35Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 36Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 37Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
OPA835
330 pF
562 W
6.19 kW
2.2 nF
OPA 835
220 pF
1.82 kW
1.82 kW
4.22 kW
1.5 nF
OPA835
V
IN
V
OUT
R
O
C
L
2 kW
OPA835
OPA2835
SLOS713E – JANUARY 2011 – REVISED JULY 2013
www.ti.com
Driving Capacitive Loads
The OPA835 and OPA2835 can drive up to a nominal capacitive load of 10pF on the output with no special
consideration. When driving capacitive loads greater than this, it is recommended to use a small resister (RO) in
series with the output as close to the device as possible. Without RO, capacitance on the output will interact with
the output impedance of the amplifier causing phase shift in the loop gain of the amplifier that will reduce the
phase margin. This will cause peaking in the frequency response and overshoot and ringing in the pulses
response. Interaction with other parasitic elements may lead to instability or oscillation. Inserting RO will isolate
the phase shift from the loop gain path and restore the phase margin; however, it will also limit the bandwidth.
Figure 71 shows the test circuit and Figure 41 shows the recommended values of RO versus capacitive loads,
CL. See Figure 40 for frequency response with various values.
Figure 71. RO versus CL Test Circuit
Active Filters
The OPA835 and OPA2835 can be used to design active filters. Figure 73 and Figure 72 show MFB and Sallen-
Key circuits designed using FilterPro™ http://focus.ti.com/docs/toolsw/folders/print/filterpro.html to implement 2nd
order low-pass butterworth filter circuits. Figure 74 shows the frequency response.
Figure 72. MFB 100kHz 2nd Order Low-Pass Butterworth Filter Circuit
Figure 73. Sallen-Key 100kHz 2nd Order Low-Pass Butterworth Filter Circuit
34
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com