Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4051CD Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4051CD
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4051CD Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4051CD Datasheet HTML 5Page - National Semiconductor (TI) THS4051CD Datasheet HTML 6Page - National Semiconductor (TI) THS4051CD Datasheet HTML 7Page - National Semiconductor (TI) THS4051CD Datasheet HTML 8Page - National Semiconductor (TI) THS4051CD Datasheet HTML 9Page - National Semiconductor (TI) THS4051CD Datasheet HTML 10Page - National Semiconductor (TI) THS4051CD Datasheet HTML 11Page - National Semiconductor (TI) THS4051CD Datasheet HTML 12Page - National Semiconductor (TI) THS4051CD Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
9
TYPICAL CHARACTERISTICS
Figure 3
−3.5
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
−40
−20
0
20
40
60
80
100
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
VCC = ± 5 V
VCC = ± 15 V
Figure 4
2.2
2.3
2.4
2.5
2.6
2.7
2.8
−40
−20
0
20
40
60
80
100
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
VCC = ± 5 V & ± 15 V
Figure 5
2
4
6
8
10
12
14
5
7
9
11
13
15
OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC - Supply Voltage - V
TA=25°C
RL = 1 kΩ
RL = 150 Ω
Figure 6
3
5
7
9
11
13
15
5
7
9
11
13
15
COMMON-MODE INPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC - Supply Voltage - V
TA=25°C
Figure 7
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
12.5
12
4.5
4
3.5
2.5
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − _C
3
13.5
13
14
VCC = ± 15 V
RL = 1 kΩ
VCC = ± 5 V
RL = 1 kΩ
VCC = ± 15 V
RL = 250 Ω
VCC = ± 5 V
RL = 150 Ω
Figure 8
5
6
7
8
9
10
11
5
7
9
11
13
15
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
± VCC - Supply Voltage - V
TA=85°C
TA=25°C
TA=−40°C
Figure 9
VOLTAGE & CURRENT NOISE
vs
FREQUENCY
f - Frequency - Hz
100
1k
10k
10
100k
1000
100
10
1
0.10
VCC = ± 15 V and ± 5V
TA = 25°C
VN
IN
Figure 10
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
POWER-SUPPLY REJECTION
RATIO
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ±15 V & ±5 V
+VCC
−VCC
Figure 11
CMRR
vs
FREQUENCY
−30
−40
−50
−60
−70
−80
10k
100k
1M
−90
f − Frequency − Hz
10M
100M
−20
−100
VCC = ±15 V or ±5 V
RF = 1 kΩ
VI(PP) = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com