Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4012CD Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CD Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4012CD Datasheet HTML 5Page - National Semiconductor (TI) THS4012CD Datasheet HTML 6Page - National Semiconductor (TI) THS4012CD Datasheet HTML 7Page - National Semiconductor (TI) THS4012CD Datasheet HTML 8Page - National Semiconductor (TI) THS4012CD Datasheet HTML 9Page - National Semiconductor (TI) THS4012CD Datasheet HTML 10Page - National Semiconductor (TI) THS4012CD Datasheet HTML 11Page - National Semiconductor (TI) THS4012CD Datasheet HTML 12Page - National Semiconductor (TI) THS4012CD Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
_
+
1.5kΩ
50 Ω
150 Ω
VO1
VI1
1.5kΩ
CH1
_
+
50 Ω
150 Ω
VO2
VI2
CH2
1.5kΩ
1.5kΩ
14
12
10
8
6
4
5
7
9
11
13
15
2
±VCC − SupplyVoltage − V
TA =25° C
RL =150 Ω
RL =1kΩ
1.2
1
0.8
0.6
0.4
0.2
−40
−20
0
20
40
60
TA − Free-Air Temperature − C
o
0
80
100
1.4
VCC = ±15 V
3
2.5
2
1.5
1
0
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − C
o
VCC = ±15 V or ±5 V
0.5
15
13
11
9
7
5
5
7
9
11
13
15
3
±VCC − SupplyVoltage − V
TA =25° C
12.5
12
4.5
4
3.5
2.5
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − C
o
3
13.5
13
14
VCC = ± 5 V
RL = 150 Ω
VCC = ± 5 V
RL = 1 kW
VCC = ± 15 V
RL = 1 kW
VCC = ± 15 V
RL = 250 W
100
80
60
40
20
1k
10k
100k
1M
0
f − Frequency − Hz
10M
100M
VCC = ±15Vor ±5V
90
70
50
30
10
THS4011
THS4012
www.ti.com
SLOS216E – JUNE 1999 – REVISED APRIL 2010
PARAMETER MEASUREMENT INFORMATION
Figure 3. THS4012 Crosstalk Test Circuit
TYPICAL CHARACTERISTICS
INPUT OFFSET VOLTAGE
INPUT BIAS CURRENT
OUTPUT VOLTAGE
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 4.
Figure 5.
Figure 6.
MAXIMUM OUTPUT VOLTAGE SWING
COMMON-MODE INPUT VOLTAGE
PSRR
vs
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com