Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4042CD Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4042CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4042CD Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button THS4042CD Datasheet HTML 17Page - National Semiconductor (TI) THS4042CD Datasheet HTML 18Page - National Semiconductor (TI) THS4042CD Datasheet HTML 19Page - National Semiconductor (TI) THS4042CD Datasheet HTML 20Page - National Semiconductor (TI) THS4042CD Datasheet HTML 21Page - National Semiconductor (TI) THS4042CD Datasheet HTML 22Page - National Semiconductor (TI) THS4042CD Datasheet HTML 23Page - National Semiconductor (TI) THS4042CD Datasheet HTML 24Page - National Semiconductor (TI) THS4042CD Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general PowerPAD design considerations (continued)
The next consideration is the package constraints. The two sources of heat within an amplifier are quiescent
power and output power. The designer should never forget about the quiescent heat generated within the
device, especially mutiamplifier devices. Because these devices have linear output stages (Class A-B), most
of the heat dissipation is at low output voltages with high output currents. Figure 72 to Figure 75 show this effect,
along with the quiescent heat, with an ambient air temperature of 50
°C. Obviously, as the ambient temperature
increases, the limit lines shown will drop accordingly. The area under each respective limit line is considered
the safe operating area. Any condition above this line will exceed the amplifier’s limits and failure may result.
When using VCC = ±5 V, there is generally not a heat problem, even with SOIC packages. But, when using VCC
=
±15 V, the SOIC package is severely limited in the amount of heat it can dissipate. The other key factor when
looking at these graphs is how the devices are mounted on the PCB. The PowerPAD devices are extremely
useful for heat dissipation. But, the device should always be soldered to a copper plane to fully use the heat
dissipation properties of the PowerPAD. The SOIC package, on the other hand, is highly dependent on how it
is mounted on the PCB. As more trace and copper area is placed around the device,
θJA decreases and the
heat dissipation capability increases. The currents and voltages shown in these graphs are for the total package.
For the dual amplifier package (THS4042), the sum of the RMS output currents and voltages should be used
to choose the proper package. The graphs shown assume that both amplifier’s outputs are identical.
Figure 72
Package With
θJA < = 120°C/W
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
VCC = ±5 V
Tj = 150°C
TA = 50°C
100
80
40
0
01
2
3
140
180
200
45
160
120
60
20
| VO | − RMS Output Voltage − V
Maximum Output
Current Limit Line
THS4041
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Safe Operating
Area
Figure 73
100
10
03
6
9
1000
12
15
Maximum Output
Current Limit Line
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
SO-8 Package
θJA = 98°C/W
High-K Test PCB
TJ = 150°C
TA = 50°C
| VO | − RMS Output Voltage − V
VCC = ±15 V
DGN Package
θJA = 58.4°C/W
THS4041
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Safe Operating
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com