Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4082ID Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4082ID
Description  175 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4082ID Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button THS4082ID Datasheet HTML 4Page - National Semiconductor (TI) THS4082ID Datasheet HTML 5Page - National Semiconductor (TI) THS4082ID Datasheet HTML 6Page - National Semiconductor (TI) THS4082ID Datasheet HTML 7Page - National Semiconductor (TI) THS4082ID Datasheet HTML 8Page - National Semiconductor (TI) THS4082ID Datasheet HTML 9Page - National Semiconductor (TI) THS4082ID Datasheet HTML 10Page - National Semiconductor (TI) THS4082ID Datasheet HTML 11Page - National Semiconductor (TI) THS4082ID Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
−100
−90
−80
−70
−60
−50
10.00
100.00
1000.00
DISTORTION
vs
FREQUENCY
f − Frequency − Hz
100k
1M
10M
2nd Harmonic
3rd Harmonic
VCC = ± 15 V
RL = 1 kΩ
Gain = 2
VO(PP) = 2 V
Figure 12
−100
−90
−80
−70
−60
−50
10.00
100.00
1000.00
DISTORTION
vs
FREQUENCY
f − Frequency − Hz
100k
1M
10M
2nd Harmonic
3rd Harmonic
VCC = ± 5 V
RL = 1 kΩ
Gain = 2
VO(PP) = 2 V
Figure 13
−100
−90
−80
−70
−60
−50
10.00
100.00
1000.00
DISTORTION
vs
FREQUENCY
f − Frequency − Hz
100k
1M
10M
2nd Harmonic
3rd Harmonic
VCC = ± 15 V
RL = 150 Ω
Gain = 2
VO(PP) = 2 V
Figure 14
−100
−90
−80
−70
−60
−50
10.00
100.00
1000.00
DISTORTION
vs
FREQUENCY
f − Frequency − Hz
100k
1M
10M
2nd Harmonic
3rd Harmonic
VCC = ± 5 V
RL = 150 Ω
Gain = 2
VO(PP) = 2 V
Figure 15
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
−6
−4
−2
0
2
4
10.00
100.00
1000.00
10000.00 100000.00
1G
10M
100k
1M
100M
RF = 51 Ω
RF = 130 Ω
VCC = ± 15 V
Gain = 1
RL = 150 Ω
VO(PP) = 63 mV
RF = 0 Ω
Figure 16
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
−6
−4
−2
0
2
4
10.00
100.00
1000.00
10000.00 100000.00
1G
10M
100k
1M
100M
RF = 51 Ω
RF = 130 Ω
VCC = ± 5 V
Gain = 1
RL = 150 Ω
VO(PP) = 63 mV
RF = 0 Ω
Figure 17
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
−8
−6
−4
−2
0
2
10.00
100.00
1000.00
10000.00 100000.00
1G
10M
100k
1M
100M
RF = 51 Ω
VCC = ± 15 V
Gain = 1
RL = 1 kΩ
VO(PP) = 63 mV
RF = 0 Ω
Figure 18
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
−8
−6
−4
−2
0
2
10.00
100.00
1000.00
10000.00 100000.00
1G
10M
100k
1M
100M
RF = 51 Ω
VCC = ± 5 V
Gain = 1
RL = 1 kΩ
VO(PP) = 63 mV
RF = 0 Ω
Figure 19
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
−8
−6
−4
−2
0
2
10.00
100.00
1000.00
10000.00 100000.00
1G
10M
100k
1M
100M
RF = 1 kΩ
RF = 1.3 kΩ
VCC = ± 15 V
Gain = −1
RL = 150 Ω
VO(PP) = 63 mV
RF = 2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com