Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4221DBVR Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4221DBVR
Description  LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4221DBVR Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4221DBVR Datasheet HTML 8Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 9Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 10Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 11Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 12Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 13Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 14Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 15Page - National Semiconductor (TI) THS4221DBVR Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
THS4221, THS4225
THS4222, THS4226
SLOS399G − AUGUST 2002 − REVISED JANUARY 2004
www.ti.com
12
Figure 13
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
01
2
3
4
5
Number of Loads − 150 Ω
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
Gain = 2
Rf = 1.5 kΩ
40 IRE − PAL
Worst Case ±100 IRE Ramp
VS = 5 V
VS = ±5 V
Figure 14
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
012
34
5
Number of Loads − 150 Ω
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
Gain = 2
Rf = 1.5 kΩ
40 IRE − PAL
Worst Case ±100 IRE Ramp
Figure 15
0
2
4
6
8
10
12
14
16
18
20
22
1.5
2
2.5
3
3.5
4
4.5
5
VS − Supply Voltage − ±V
QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
TA = 85°C
TA = 25°C
TA = −40°C
Figure 16
−5
−4
−3
−2
−1
0
1
2
3
4
5
10
100
1 k
10 k
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
RL − Load Resistance − Ω
TA = −40 to 85°C
Figure 17
−10
0
10
20
30
40
50
60
70
80
90
100
110
0.0001 0.001 0.01 0.1
1
10
100
1000
−20
0
20
40
60
80
100
120
140
160
180
200
220
OPEN-LOOP GAIN AND FHASE
vs
FREQUENCY
f − Frequency − MHz
VS = ±5 V, 5 V,
and 3.3 V
Figure 18
90
95
100
105
1.5
2
2.5
3
3.5
4
4.5
5
OPEN-LOOP GAIN
vs
SUPPLY VOLTAGE
VS − Supply Voltage − ±V
TA = 25°C
Figure 19
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
REJECTION RATIO
vs
FREQUENCY
f − Frequency − MHz
VS = ±5 V, 5 V, and 3.3 V
CMMR
PSRR
Figure 20
40
50
60
70
80
90
100
−40−30−20−10 0 102030405060 708090
REJECTION RATIO
vs
CASE TEMPERATURE
TC − Case Temperature − °C
PSRR
CMMR
VS = ±5 V, 5 V, and 3.3 V
Figure 21
0
10
20
30
40
50
60
70
80
90
100
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
VICR − Input Common-Mode Voltage Range − V
COMMON-MODE REJECTION RATIO
vs
INPUT COMMON-MODE RANGE
VS = 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com