| Electronic Components Datasheet Search |
|
THS4151CD Datasheet(PDF) 18 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
THS4151CD Datasheet(HTML) 18 Page - National Semiconductor (TI) |
|
18 / 35 page ![]() V O) + V I) 2 ) VOCM V O– + –V I) 2 ) VOCM VOCM _ + _ + VCC+ VIN- VIN+ VO+ VO- VOD= 1-0 = 1 VOD = 0-1 = -1 a b +1 0 +1 0 VCC- THS4150 THS4151 SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com If each output is measured independently, each output is one-half of the input signal when the gain is 1. The following equations express the transfer function for each output: The second output is equal and opposite in sign: VOCM will be set to midrails if it is not derived by any external power source. Fully differential amplifiers may be viewed as two inverting amplifiers. In this case, the equation of an inverting amplifier holds true for gain calculations. One advantage of fully differential amplifiers is that they offer twice as much dynamic range compared to single-ended amplifiers. For example, a 1-VPP ADC can only support an input signal of 1 VPP. If the output of the amplifier is 2 VPP, then it will not be practical to feed a 2-VPP signal into the targeted ADC. Using a fully differential amplifier enables the user to break down the output into two 1-VPP signals with opposite signs and feed them into the differential input nodes of the ADC. In practice, the designer has been able to feed a 2-V peak-to-peak signal into a 1-V differential ADC with the help of a fully differential amplifier. The final result indicates twice as much dynamic range. Figure 40 illustrates the increase in dynamic range. The gain factor should be considered in this scenario. The THS415x fully differential amplifier offers an improved CMRR and PSRR due to its symmetrical input and output. Furthermore, second harmonic distortion is improved. Second harmonics tend to cancel because of the symmetrical output. Figure 40. Fully Differential Amplifier With Two 1-VPP Signals Similar to the standard inverting amplifier configuration, input impedance of a fully differential amplifier is selected by the input resistor, R(g). If input impedance is a constraint in design, the designer may choose to implement the differential amplifier as an instrumentation amplifier. This configuration improves the input impedance of the fully differential amplifier. The following schematic depicts the general format of instrumentation amplifiers. 18 Submit Documentation Feedback Copyright © 2000–2009, Texas Instruments Incorporated Product Folder Link(s): THS4150 THS4151 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |