Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4082IDRG4 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4082IDRG4
Description  175 MHz High Speed AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4082IDRG4 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button THS4082IDRG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4082IDRG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4082IDRG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4082IDRG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4082IDRG4 Datasheet HTML 13Page - National Semiconductor (TI) THS4082IDRG4 Datasheet HTML 14Page - National Semiconductor (TI) THS4082IDRG4 Datasheet HTML 15Page - National Semiconductor (TI) THS4082IDRG4 Datasheet HTML 16Page - National Semiconductor (TI) THS4082IDRG4 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise calculations and noise figure (continued)
This brings up another noise measurement usually preferred in RF applications, the noise figure (NF). Noise
figure is a measure of noise degradation caused by the amplifier. The value of the source resistance must be
defined and is typically 50
Ω in RF applications.
NF
+ 10log
e
2
ni
e
Rs
2
Because the dominant noise components are generally the source resistance and the internal amplifier noise
voltage, we can approximate noise figure as:
NF
+ 10log 1 )
e
n
2
) IN )
R
S
2
4kTR
S
Figure 40 shows the noise figure graph for the THS408x.
0
5
10
15
20
25
30
35
40
Source Resistance − RS (Ω)
f = 10 kHz
TA = 25°C
NOISE FIGURE
vs
SOURCE RESISTANCE
10
100
1k
10k
100k
Figure 40. Noise Figure vs Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com