Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4531A Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4531A
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4531A Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button THS4531A Datasheet HTML 17Page - National Semiconductor (TI) THS4531A Datasheet HTML 18Page - National Semiconductor (TI) THS4531A Datasheet HTML 19Page - National Semiconductor (TI) THS4531A Datasheet HTML 20Page - National Semiconductor (TI) THS4531A Datasheet HTML 21Page - National Semiconductor (TI) THS4531A Datasheet HTML 22Page - National Semiconductor (TI) THS4531A Datasheet HTML 23Page - National Semiconductor (TI) THS4531A Datasheet HTML 24Page - National Semiconductor (TI) THS4531A Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
0
2
4
6
8
10
12
14
Input Offset Current Temperature Drift (pA/C)
0°C to +70°C
−40°C to +85°C
−40°C to +125°C
THS4531AID
VS = 5 V
G062
−50
−40
−30
−20
−10
0
10
20
30
40
50
−50
−25
0
25
50
75
100
125
Temperature (°C)
THS4531AID
VS = 5 V
G063
0
100
200
300
400
500
600
Input Offset Current (nA)
THS4531AID
VS = 5 V, 25°C
G061
100
1k
10k
100k
100k
1M
10M
50M
Frequency (Hz)
VS = 5 V
G052
−18
−15
−12
−9
−6
−3
0
3
100k
1M
10M
50M
Frequency (Hz)
VS = 5 V
G = 1 V/V
RF = 2 kΩ
VOUT = 100 mVpp
G050
1.8
2
2.2
2.4
2.6
2.8
3
3.2
0
100
200
300
400
500
600
700
800
900 1000
Time (ns)
0.2-V Step
1-V Step
G051
THS4531A
www.ti.com
SLOS823A – DECEMBER 2012 – REVISED JANUARY 2013
TYPICAL CHARACTERISTICS: VS = 5V (continued)
Test conditions unless otherwise noted: VS+ = 5 V, VS– = 0V, VOCM = open, VOUT = 2Vpp, RF = 2kΩ, RL = 2kΩ Differential, G =
1V/V, Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply, TA = 25°Cunless otherwise noted.
VOCM SMALL-SIGNAL FREQUENCY RESPONSE
VOCM LARGE- and SMALL SIGNAL PULSE RESPONSE
Figure 59.
Figure 60.
VOCM INPUT IMPEDANCE
vs
INPUT OFFSET CURRENT
FREQUENCY
HISTOGRAM
Figure 61.
Figure 62.
INPUT OFFSET CURRENT
vs
INPUT OFFSET CURRENT TEMP DRIFT
HISTOGRAM
TEMPERATURE
Figure 63.
Figure 64.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links :THS4531A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com