Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4532IPW Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4532IPW
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4532IPW Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button THS4532IPW Datasheet HTML 26Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 27Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 28Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 29Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 30Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 31Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 32Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 33Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
(
)
-
+
=
CC
L
f
PD
PU
V
V
V
i
R
=
+
PD
L
f
V
V
V
PD
THS4532
1.8V
Controller
VS+
3V
RPU
D
PD
Internal
PD Circuit
VS±
VS+
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
Power Down
The power down pin is internally connected to a CMOS stage which must be driven to a minimum of 2.1V to
ensure proper high logic.
Figure 79. Simplified Power Down Internal Circuit
If 1.8V logic is used to drive the pin, a shoot through current of up to 100µA may develop in the digital logic
causing the overall quiescent current to exceed the 2uA of maximum disabled quiescent current specified in the
electrical characteristics.
In order to properly interface to 1.8V logic with minimal increase in additional current draw, a logic-level translator
like the SN74AVC1T45 can be used.
Alternatively, the same function may be achieved using a diode and pull up resistor shown below.
Figure 80. THS4532 Power Down Interface to 1.8V Logic Microcontroller
The voltage seen at the power down pin will be a function of the supply voltage, input logic level, and diode drop.
As long as the diode is forward biased, the power down voltage will be determined by:
(3)
Where VL is the logic level voltage and Vf is the forward voltage drop across the diode.
This means for 1.8V logic, the forward voltage of the diode should be greater than 0.3V but less than 0.7V in
order to keep the power down logic level above 2.1V and less than 0.7V respectively.
For example, if we select 1N914 as the diode with a forward voltage of approximately 0.4V, the translated logic
voltages will be 0.4V for disabled operation and 2.2V for enabled operation.
The additional current draw can be determined by:
(4)
This equation shows that larger values of RPU result in a smaller additional current. A reasonable value of RPU
may be 500k
Ω where we can expect to see an additional current draw of 5.2µA while the device is in operation
and 1.6µA when disabled.
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com