Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4532IPWR Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4532IPWR
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4532IPWR Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4532IPWR Datasheet HTML 6Page - National Semiconductor (TI) THS4532IPWR Datasheet HTML 7Page - National Semiconductor (TI) THS4532IPWR Datasheet HTML 8Page - National Semiconductor (TI) THS4532IPWR Datasheet HTML 9Page - National Semiconductor (TI) THS4532IPWR Datasheet HTML 10Page - National Semiconductor (TI) THS4532IPWR Datasheet HTML 11Page - National Semiconductor (TI) THS4532IPWR Datasheet HTML 12Page - National Semiconductor (TI) THS4532IPWR Datasheet HTML 13Page - National Semiconductor (TI) THS4532IPWR Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
TABLE OF GRAPHS
Description
VS = 2.7 V
VS = 5 V
Small-signal frequency response
Figure 2
Figure 36
Large-signal frequency response
Figure 3
Figure 37
Large- and small- signal pulse response
Figure 4
Figure 38
Single-ended slew rate vs VOUT step
Figure 5
Figure 39
Differential slew rate vs VOUT step
Figure 6
Figure 40
Overdrive recovery
Figure 7
Figure 41
10-kHz FFT on audio analyzer
Figure 8
Figure 42
Harmonic distortion vs Frequency
Figure 9
Figure 43
Harmonic distortion vs Output voltage at 1 MHz
Figure 10
Figure 44
Harmonic distortion vs Gain at 1 MHz
Figure 11
Figure 45
Harmonic distortion vs Load at 1 MHz
Figure 12
Figure 46
Harmonic distortion vs VOCM at 1 MHz
Figure 13
Figure 47
Two-tone, 2nd and 3rd order intermodulation distortion vs Frequency
Figure 14
Figure 48
Single-ended output voltage swing vs Load resistance
Figure 15
Figure 49
Single-ended output saturation voltage vs Load current
Figure 16
Figure 50
Main amplifier differential output impedance vs Frequency
Figure 17
Figure 51
Frequency response vs CLOAD
Figure 18
Figure 52
RO vs CLOAD
Figure 19
Figure 53
Rejection ratio vs Frequency
Figure 20
Figure 54
Crosstalk vs Frequency
Figure 21
Figure 55
Turn-on time
Figure 22
Figure 56
Turn-off time
Figure 23
Figure 57
Input-referred voltage noise and current noise spectral density
Figure 24
Figure 58
Main amplifier differential open-loop gain and phase vs Frequency
Figure 25
Figure 59
Output balance error vs Frequency
Figure 26
Figure 60
VOCM small signal frequency response
Figure 27
Figure 61
VOCM large and small signal pulse response
Figure 28
Figure 62
VOCM input impedance vs frequency
Figure 29
Figure 63
Count vs input offset current
Figure 30
Figure 64
Count vs input offset current temperature drift
Figure 31
Figure 65
Input offset current vs temperature
Figure 32
Figure 66
Count vs input offset voltage
Figure 33
Figure 67
Count vs input offset voltage temperature drift
Figure 34
Figure 68
Input offset voltage vs temperature
Figure 35
Figure 69
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com