Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6072CD Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS6072CD
Description  LOW-POWER ADSL DIFFERENTIAL RECEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS6072CD Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button THS6072CD Datasheet HTML 16Page - National Semiconductor (TI) THS6072CD Datasheet HTML 17Page - National Semiconductor (TI) THS6072CD Datasheet HTML 18Page - National Semiconductor (TI) THS6072CD Datasheet HTML 19Page - National Semiconductor (TI) THS6072CD Datasheet HTML 20Page - National Semiconductor (TI) THS6072CD Datasheet HTML 21Page - National Semiconductor (TI) THS6072CD Datasheet HTML 22Page - National Semiconductor (TI) THS6072CD Datasheet HTML 23Page - National Semiconductor (TI) THS6072CD Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
THS6072
LOW-POWER ADSL DIFFERENTIAL RECEIVER
SLOS290B – FEBRUARY 2000 – REVISED JUNE 2001
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general PowerPAD design considerations (continued)
The next consideration is the package constraints. The two sources of heat within an amplifier are quiescent
power and output power. The designer should never forget about the quiescent heat generated within the
device, especially multiamplifier devices. Because these devices have linear output stages (Class A-B), most
of the heat dissipation is at low output voltages with high output currents. Figure 48 and Figure 49 show this
effect, along with the quiescent heat, with an ambient air temperature of 50
°C. Obviously, as the ambient
temperature increases, the limit lines shown will drop accordingly. The area under each respective limit line is
considered the safe operating area. Any condition above this line will exceed the amplifier’s limits and failure
may result. When using VCC = ±5 V, there is generally not a heat problem, even with SOIC packages. But, when
using
VCC = ±15 V, the SOIC package is severely limited in the amount of heat it can dissipate. The other key factor
when looking at these graphs is how the devices are mounted on the PCB. The PowerPAD devices are
extremely useful for heat dissipation. But, the device should always be soldered to a copper plane to fully use
the heat dissipation properties of the PowerPAD. The SOIC package, on the other hand, is highly dependent
on how it is mounted on the PCB. As more trace and copper area is placed around the device,
θJA decreases
and the heat dissipation capability increases. The currents and voltages shown in these graphs are for the total
package.
Figure 48
Package With
θJA ≤ 64°C/W
SO-8 Package
θJA = 98°C/W
High-K Test PCB
VCC = ± 5 V
TJ = 150°C
TA = 50°C
Both Channels
100
80
40
0
01
2
3
140
180
200
45
160
120
60
20
| VO | – RMS Output Voltage – V
Maximum Output
Current Limit Line
THS6072
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
Safe Operating Area
Figure 49
100
10
03
6
9
1000
12
15
Maximum Output
Current Limit Line
| VO | – RMS Output Voltage – V
VCC = ± 15 V
TJ = 150°C
TA = 50°C
Both Channels
THS6072
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
1
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
DGN Package
θJA = 58.4°C/W
Safe Operating Area
SO-8 Package
θJA = 98°C/W
High-K Test PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com