Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH500N04T2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH500N04T2
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH500N04T2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH500N04T2 Datasheet HTML 1Page - IXYS Corporation IXTH500N04T2 Datasheet HTML 2Page - IXYS Corporation IXTH500N04T2 Datasheet HTML 3Page - IXYS Corporation IXTH500N04T2 Datasheet HTML 4Page - IXYS Corporation IXTH500N04T2 Datasheet HTML 5Page - IXYS Corporation IXTH500N04T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTH500N04T2
IXTT500N04T2
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Includes lead resistance.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 60A, Note 1
75
125
S
C
iss
25
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
4410
pF
C
rss
970
pF
R
Gi
Gate Input Resistance
1.1
Ω
t
d(on)
37
ns
t
r
16
ns
t
d(off)
68
ns
t
f
44
ns
Q
g(on)
405
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
105
nC
Q
gd
118
nC
R
thJC
0.15
°C/W
R
thCH
TO-247
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
500
A
I
SM
Repetitive, Pulse Width Limited by T
JM
1500
A
V
SD
I
F = 100A, VGS = 0V, Note 1
1.2
V
t
rr
84
ns
I
RM
3.1
A
Q
RM
130
nC
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 200A
R
G = 1Ω (External)
I
F = 100A, VGS = 0V
-di/dt = 100A/
μs
V
R = 20V
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
e
∅ P
TO-247 (IXTH) Outline
1
2
3
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
TO-268 (IXTT) Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com