Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTX32P60P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTX32P60P
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTX32P60P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTX32P60P Datasheet HTML 1Page - IXYS Corporation IXTX32P60P Datasheet HTML 2Page - IXYS Corporation IXTX32P60P Datasheet HTML 3Page - IXYS Corporation IXTX32P60P Datasheet HTML 4Page - IXYS Corporation IXTX32P60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXTK32P60P
IXTX32P60P
Fig. 1. Output Characteristics
@ 25ºC
-32
-28
-24
-20
-16
-12
-8
-4
0
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
VDS - Volts
VGS = -10V
- 7V
- 5V
- 6V
Fig. 2. Extended Output Characteristics
@ 25ºC
-70
-60
-50
-40
-30
-20
-10
0
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
VDS - Volts
VGS = -10V
- 7V
- 6V
- 5V
Fig. 3. Output Characteristics
@ 125ºC
-32
-28
-24
-20
-16
-12
-8
-4
0
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
VDS - Volts
VGS = -10V
-7V
- 6V
- 5V
Fig. 4. RDS(on) Normalized to ID = -16A vs.
Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = -10V
I D = - 32A
I D = -16A
Fig. 5. RDS(on) Normalized to ID = -16A vs.
Drain Current
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-70
-60
-50
-40
-30
-20
-10
0
ID - Amperes
VGS = -10V
TJ = 25ºC
TJ = 125ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com