Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPV596A Datasheet(PDF) 1 Page - Motorola, Inc

Part # TPV596A
Description  UHF LINEAR POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TPV596A Datasheet(HTML) 1 Page - Motorola, Inc

  TPV596A Datasheet HTML 1Page - Motorola, Inc TPV596A Datasheet HTML 2Page - Motorola, Inc TPV596A Datasheet HTML 3Page - Motorola, Inc TPV596A Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TPV596A
MOTOROLA RF DEVICE DATA
The RF Line
UHF Linear Power Transistor
. . . designed for very high output 1.5 V MATV amplifiers up to 860 MHz and
500 mW Band V TV transposer stages. Gold metallization and diffused emitter
ballast resistors are used to enhanced reliability, ruggedness and linearity.
• Band IV and V (470–860 MHz)
• 0.5 W — Pref @ –58 dB IMD
• High Gain — 12 dB Typ, Class A, f = 860 MHz
• Gold Metallization for Reliability
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
24
Vdc
Collector–Base Voltage
VCBO
45
Vdc
Emitter–Base Voltage
VEBO
3.5
Vdc
Collector Current — Continuous
IC
0.7
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
8.75
0.05
Watts
W/
°C
Operating Junction Temperature
TJ
200
°C
Storage Temperature Range
Tstg
– 65 to + 200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case (TC = 70°C)
R
θJC
20
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 20 mA, IB = 0)
V(BR)CEO
24
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 1.0 mA, IE = 0)
V(BR)CBO
45
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 4.0 mA, IC = 0)
V(BR)EBO
3.5
—
—
Vdc
Emitter–Base Leakage Current
(VEB = 2.0 V)
IEBO
—
—
0.25
mA
Collector Cutoff Current
(VCB = 28 V, IE = 0)
ICBO
—
—
1.0
mAdc
Collector–Emitter Breakdown Voltage
(IC = 20 mA, RBE = 10 Ω)
V(BR)CER
50
—
—
Vdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mA, VCE = 5.0 V)
hFE
15
—
120
—
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 28 V, IE = 0, f = 1.0 MHz)
Cob
—
—
5.0
pF
(continued)
Order this document
by TPV596A/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
TPV596A
0.5 W, 470 – 860 MHz
UHF LINEAR
POWER TRANSISTOR
CASE 244–04, STYLE 1
(.280 SOE)
© Motorola, Inc. 1994


Similar Part No. - TPV596A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
TPV596A ASI-TPV596A Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
More results

Similar Description - TPV596A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TP3024B MOTOROLA-TP3024B Datasheet
50Kb / 2P
UHF LINEAR POWER TRANSISTOR
TPV597 MOTOROLA-TPV597 Datasheet
95Kb / 4P
UHF LINEAR POWER TRANSISTOR
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
UHF LINEAR POWER TRANSISTOR
logo
NXP Semiconductors
BLW32 PHILIPS-BLW32 Datasheet
81Kb / 12P
UHF linear power transistor
August 1986
BLW33 PHILIPS-BLW33 Datasheet
81Kb / 12P
UHF linear power transistor
August 1986
BLW34 PHILIPS-BLW34 Datasheet
80Kb / 12P
UHF linear power transistor
August 1986
BLW98 PHILIPS-BLW98 Datasheet
80Kb / 13P
UHF linear power transistor
August 1986
logo
New Jersey Semi-Conduct...
BLV59 NJSEMI-BLV59 Datasheet
134Kb / 4P
UHF linear power transistor
TPV595A NJSEMI-TPV595A Datasheet
96Kb / 2P
UHF Linear Power Transistor
TPV598 NJSEMI-TPV598 Datasheet
76Kb / 2P
UHF Linear Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com