Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1201 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCS1201
Description  LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS1201 Datasheet(HTML) 3 Page - Unisonic Technologies

  UCS1201 Datasheet HTML 1Page - Unisonic Technologies UCS1201 Datasheet HTML 2Page - Unisonic Technologies UCS1201 Datasheet HTML 3Page - Unisonic Technologies UCS1201 Datasheet HTML 4Page - Unisonic Technologies UCS1201 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCS1201
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R103-066.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65~150
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
165
°С/W
Junction to Case
θJC
48
°С/W
MAXIMUM RATING
PARAMETER
SYMBOL
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
VCC
20V
-0.5V
N/A
1.5A Peak,
450mA DC
Compensation Capacitor
COMP
6.0V
-0.5V
10mA
10mA
Voltage Feedback Input
VFB
6.0V
-0.5V
1.0mA
1.0mA
Frequency Adjust
ROSC
6.0V
-0.5V
1.0mA
1.0mA
High-Side FET Driver
GATE(H)
20V
-0.5V, -2.0V
for 50ns
1.5A Peak,
200mA DC
1.5A Peak,
200mA DC
Low-Side FET Driver
GATE(L)
20V
-0.5V, -2.0V
for 50ns
1.5A Peak,
200mA DC
1.5A Peak,
200mA DC
Ground
GND
0.5V
-0.5V
1.5A Peak,
450mA DC
N/A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com