Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC97-4 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # MAC97-4
Description  SILICON BIDIRECTIONAL THYRISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC97-4 Datasheet(HTML) 2 Page - Digitron Semiconductors

  MAC97-4 Datasheet HTML 1Page - Digitron Semiconductors MAC97-4 Datasheet HTML 2Page - Digitron Semiconductors MAC97-4 Datasheet HTML 3Page - Digitron Semiconductors MAC97-4 Datasheet HTML 4Page - Digitron Semiconductors MAC97-4 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC97,(A),(B) SERIES
SILICON BIDIRECTIONAL THYRISTORS
Characteristic
Symbol
Min
Typ.
Max
Unit
Gate controlled turn on time
(VD = rated VDRM, ITM = 1.0A peak, IG = 25mA)
tgt
-
2.0
-
µs
Critical rate of rise of commutation voltage
(VD = Rated VDRM, ITM = 0.84µA peak, commutating di/dt = 0.32A/ms, gate unenergized,
TC = 50°C)
dv/dt(c)
-
5
-
V/µs
Critical rate of rise of off-state voltage
(VD = Rated VDRM, exponential waveform, TC = 110°C)
dv/dt
-
25
-
V/µs
Note 2: Ratings apply for open gate conditions. Thyristor devices shall not be tested with a constant current source for blocking voltage such that the voltage applied exceeds the
rated blocking voltage.
MAC SERIES
Quadrant and polarity
97
97A
97B
Unit
I
MT2(+), G(+)
10
5.0
3.0
mA
II
MT2(+), G(-)
10
5.0
3.0
mA
III
MT2(-), G(-)
10
5.0
3.0
mA
IV
MT2(-), G(+)
10
7.0
5.0
mA
MECHANICAL CHARACTERISTIC
Case
TO-92
Marking
Body painted, alpha-numeric
Pin out
See below
TO-92
Inches
Millimeters
Min
Max
Min
Max
A
0.175
0.205
4.450
5.200
B
0.170
0.210
4.320
5.330
C
0.125
0.165
3.180
4.190
D
0.016
0.022
0.410
0.550
F
0.016
0.019
0.410
0.480
G
0.045
0.055
1.150
1.390
H
0.095
0.105
2.420
2.660
J
0.015
0.020
0.390
0.500
K
0.500
-
12.700
-
L
0.250
-
6.350
-
N
0.080
0.105
2.040
2.660
P
-
0.100
-
2.540
R
0.115
-
2.930
-
V
0.135
-
3.430
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130205



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com