Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6208 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BA6208
Description  REVERSIBLE MOTOR DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA6208 Datasheet(HTML) 1 Page - Unisonic Technologies

  BA6208 Datasheet HTML 1Page - Unisonic Technologies BA6208 Datasheet HTML 2Page - Unisonic Technologies BA6208 Datasheet HTML 3Page - Unisonic Technologies BA6208 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BA6208
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R109-004,C
REVERSIBLE MOTOR DRIVER
DESCRIPTION
The UTC BA6208 is designed for driving reversible motor use, it
contain a logic section to controls forward and reverse rotations as
well as forced stop, and an output power section is able to supply an
output current of up to 100mA (typical) according to the logic control.
The IC allow control of reversible motors in cassette players and
other electrical equipment by using TTL-level logic signals.
FEATURES
* Recommended operating supply voltage range from 4.5V to15.0V.
* Built-in motor driving power transistors(typ.100mA).
* Brake is applied when stopping the motor (when Ain and Bin are
both HIGH level).
* Very low standby circuit current(when Ain and Bin are both LOW
level.
* Built-in diode to absorb surge currents.
* Direct control with the TTL logic.
SIP-9
SOP-8
DIP-8
*Pb-free plating product number: BA6208L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
BA6208-D08-T
BA6208L-D08-T
DIP-8
Tube
BA6208-G09-T
BA6208L-G09-T
SIP-9
Tube
BA6208-S08-R
BA6208L-S08-R
SOP-8
Tape Reel
BA6208-S08-T
BA6208L-S08-T
SOP-8
Tube
BA6208L-D08-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D08: DIP-8, G09: SIP-9, S08: SOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - BA6208

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6208 ROHM-BA6208 Datasheet
39Kb / 2P
Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6208 ROHM-BA6208 Datasheet
45Kb / 2P
Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208 Datasheet
151Kb / 4P
REVERSIBLE MOTOR DRIVER
logo
List of Unclassifed Man...
BA6208 ETC2-BA6208 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BA6208

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
Reversible motor driver
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
Reversible Motor Driver
BA6950FS ROHM-BA6950FS_1 Datasheet
308Kb / 5P
Reversible Motor Driver
logo
BCD Semiconductor Manuf...
AZ6208B BCDSEMI-AZ6208B Datasheet
193Kb / 10P
REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
Reversible Motor Driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
Reversible motor driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com