Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10BBC Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R5F10BBC
Description  PG-FP5
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10BBC Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R5F10BBC Datasheet HTML 9Page - Renesas Technology Corp R5F10BBC Datasheet HTML 10Page - Renesas Technology Corp R5F10BBC Datasheet HTML 11Page - Renesas Technology Corp R5F10BBC Datasheet HTML 12Page - Renesas Technology Corp R5F10BBC Datasheet HTML 13Page - Renesas Technology Corp R5F10BBC Datasheet HTML 14Page - Renesas Technology Corp R5F10BBC Datasheet HTML 15Page - Renesas Technology Corp R5F10BBC Datasheet HTML 16Page - Renesas Technology Corp R5F10BBC Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
✓: supported; X: not supported; -: Support not planned
R20UT0757EJ0900
Package Name
Package Version
File Name
File Version
Microcontroller
Additional information
PG-FP5
Parameter File
Group
Product Name
R8C
R8C/LAPS
R5F2LAPAS
✓
PR5-R8CLX
V1.02
R5F2LAPAS.pr5
V1.01
for 2.7V<=VCC and VCC<=5.5V
R8C
R8C/LAPS
R5F2LAPAS
✓
PR5-R8CLX
V1.02
R5F2LAPAS_LV.pr5
V1.01
for 1.8V<=VCC and VCC<2.7V
R8C
R8C/LAPS
R5F2LAPCS
✓
PR5-R8CLX
V1.02
R5F2LAPCS.pr5
V1.01
for 2.7V<=VCC and VCC<=5.5V
R8C
R8C/LAPS
R5F2LAPCS
✓
PR5-R8CLX
V1.02
R5F2LAPCS_LV.pr5
V1.01
for 1.8V<=VCC and VCC<2.7V
SH
SH7146
R5F71464
X
PR5-SH7146
X
X
X
SH
SH7149
R5F71494
✓
PR5-SH7146
V1.00
R5F71494.pr5
V1.00
SH
SH7214
R5F72145
✓
PR5-SH7216
V1.00
R5F72145.pr5
V1.00
SH
SH7214
R5F72146
✓
PR5-SH7216
V1.00
R5F72146.pr5
V1.00
SH
SH7214
R5F72147
✓
PR5-SH7216
V1.00
R5F72147.pr5
V1.00
SH
SH7216
R5F72165
✓
PR5-SH7216
V1.00
R5F72165.pr5
V1.00
SH
SH7216
R5F72166
✓
PR5-SH7216
V1.00
R5F72166.pr5
V1.00
SH
SH7216
R5F72167
✓
PR5-SH7216
V1.00
R5F72167.pr5
V1.00
SH
SH72AW
R5F72AW3
✓
PR5-SH72AX
V1.00
R5F72AW3.pr5
V1.01
SH
SH72AY
R5F72AY3
✓
PR5-SH72AX
V1.00
R5F72AY3.pr5
V1.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com