Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7372IMA Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372IMA
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMA Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM7372IMA Datasheet HTML 14Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 15Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 16Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 17Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 18Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 19Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 20Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 21Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
+
-
+ VIN
2k
1:1
2k
Twisted
Pair Line
2k
100
1/2
LM7372
+
-
50
50
20uF
0.1uF
+
1/2
LM7372
V-
V+
0.1uF
5.1k
5.1k
1
3
2
8
7
6
5
4
0.1uF
- VIN
20uF
0.1uF
+
LM7372
SNOS926E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Figure 28. Split Supply Application (SO PowerPAD)
PRINTED CIRCUIT BOARD LAYOUT and EVALUATION BOARDS
Generally, a good high-frequency layout will keep power supply and ground traces away from the inverting input
and output pins. Parasitic capacitance on these nodes to ground will cause frequency response peaking and
possible circuit oscillations (see Application Note OA-15 (SNOA367) for more information). Texas Instruments
suggests the following evaluation boards as a guide for high frequency layout and as an aid in device testing and
characterization:
Device
Package
Evaluation Board PN
LM7372MA
16-Pin SOIC
None
LM7372MR
8-Pin SO PowerPAD
CLC730121
The DAP (die attach paddle) on the 8-Pin SO PowerPAD should be tied to V−. It should not be tied to ground.
See the respective Evaluation Board documentation.
18
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com