Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7372IMAXNOPB Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7372IMAXNOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMAXNOPB Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM7372IMAXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LM7372IMAXNOPB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
1
10
20
OUTPUT VOLTAGE (VP-P)
-110
-90
-70
-50
VS = ±12V
AV = 8
RL = 100
f = 100kHz
HD2
HD3
1
10
20
OUTPUT VOLTAGE (VP-P)
-100
-80
-60
-40
VS = ±12V
AV = 8
RL = 100
f = 1MHz
HD2
HD3
FREQUENCY (Hz)
100k
1M
100M
-110
-90
-70
-50
-30
VS = ±12V
AV = 8
VO = 2VP-P
RL = 100
HD2
HD3
FREQUENCY (Hz)
100k
1M
10M
-90
-70
-50
-30
VS = ±12V
AV = 8
VO = 16.8VP-P
RL = 100
HD3
HD2
FREQUENCY (Hz)
100k
1M
10M
-110
-90
-70
-50
VS = ±12V
AV = 2
VO = 2VP-P
RL = 100
HD2
HD3
FREQUENCY (Hz)
100k
1M
10M
-110
-90
-70
-50
-30
VS = ±12V
AV = 2
VO = 16.8VP-P
RL = 100
HD3
HD2
LM7372
www.ti.com
SNOS926E – MAY 1999 – REVISED MARCH 2013
Typical Performance Characteristics
Harmonic Distortion vs
Harmonic Distortion vs
Frequency
Frequency
Figure 4.
Figure 5.
Harmonic Distortion vs
Harmonic Distortion vs
Frequency
Frequency
Figure 6.
Figure 7.
Harmonic Distortion vs
Harmonic Distortion vs
Output Level
Figure 8.
Figure 9.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com