Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4524MDBTEP Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4524MDBTEP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTEP Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4524MDBTEP Datasheet HTML 5Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 6Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 7Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 8Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 9Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 10Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 11Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 12Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
1000
10000
100000
1000000
125
130
135
140
145
150
Continuous T (°C)
J
Electromigration Fail Mode
(Output current = 40 mA)
Electromigration Fail Mode
(Output current = 25 mA)
Electromigration Fail Mode
(Output current = 15 mA)
Wirebond Life
THS4524-EP
www.ti.com
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
A.
See datasheet for absolute maximum and minimum recommended operating conditions.
B.
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
Figure 1. Electromigration Fail Mode/Wirebond Life Derating Chart
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com