Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7206 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M7206
Description  3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7206 Datasheet(HTML) 5 Page - Unisonic Technologies

  M7206 Datasheet HTML 1Page - Unisonic Technologies M7206 Datasheet HTML 2Page - Unisonic Technologies M7206 Datasheet HTML 3Page - Unisonic Technologies M7206 Datasheet HTML 4Page - Unisonic Technologies M7206 Datasheet HTML 5Page - Unisonic Technologies M7206 Datasheet HTML 6Page - Unisonic Technologies M7206 Datasheet HTML 7Page - Unisonic Technologies M7206 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M7206
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-Q37.A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage(V+~V-)
VCC
12
V
Analog input voltage
VIANG
V+~V-
V
Reference Input Voltage
VIREF
V+~V-
V
Operating Temperature Range
TOPR
0 ~ 70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VCC=9V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC Range
VCC
9
V
Supply Current(Does not conclude
COMMON current )
ICC
VIN=0V
0.6
1.2
mA
DC characteristics Zero Input
Reading
VIN=0V, full-scale=200mV -000.0
±000.0
+000.0
Digital
Reading
Ratio metric Reading
VIN=VREF, VREF=100mV
999
999/
1000
1001
Digital
Reading
Linearity (MAX. deviation form best
straight line fit)
full-scale=200.0mV or
full-scale=2.0V
-1
± 0.2
+1
Counts
Roll-over Error
-VIN=+VIN ~ 200mV
-1
± 0.2
+1
Counts
Input Leakage Current
VIH=0V
1
10
PA
Low battery flag
V+ to V-
6.6
6.9
7.2
V
Analog Common Voltage
( with respect to V+)
25kΩ Between Common
and Positive Supply
2.80
3.00
3.20
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com