Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBC2F200N4S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DBC2F200N4S
Description  Ultra-Fast Soft Recovery Diode Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBC2F200N4S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DBC2F200N4S Datasheet HTML 1Page - List of Unclassifed Manufacturers DBC2F200N4S Datasheet HTML 2Page - List of Unclassifed Manufacturers DBC2F200N4S Datasheet HTML 3Page - List of Unclassifed Manufacturers DBC2F200N4S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright@Dawin Electronics Corp. All right reserved
DB2F200N4S
DBC2F200N4S
Jan. 2007
Thermal Characteristics
Symbol
Parameter
Values
Unit
Conditions
Rth(j-c)
Thermal Resistance
Junction to Case
Min.
Typ.
Max.
0.18
℃
/W
-
-
Electrical Characteristics @ Tj=25℃ (unless otherwise specified)
Symbol
Parameter
Values
Unit
Conditions
VR
VFM
IRRM
Trr
Cathode Anode Breakdown
Voltage
Maximum Forward Voltage
Repetitive Peak Reverse
Current
Reverse Recovery Time
IR = 100uA
IFM = 200A, Tc = 25℃
IFM = 200A, Tc =100℃
TC = 100℃, VRRM applied
IFM = 200A,
VR = 200V
di/dt=-100A/us]
Min.
Typ.
Max.
-
1.3
1.1
2.0
200
-
V
V
V
mA
ns
ns
400
-
-
-
-
-
-
1.05
0.95
-
150
220
Tc = 25℃
Tc = 100℃
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com