Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4082BG-S28-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U4082BG-S28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U4082BG-S28-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button U4082BG-S28-R Datasheet HTML 2Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 3Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 4Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 5Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 6Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 7Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 8Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 9Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U4082B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 13
www.unisonic.com.tw
QW-R108-020.A
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Microphone Amplifier ( VMUT< 0.8V, AVCL=31dB, unless otherwise specified)
Output Offset
MCOVOS
VMCO-VB, RF=180 kΩ
-50
0
50
mV
Open Loop Gain
AVOLM
F<100Hz
70
80
dB
Gain Bandwidth
GBWM
1
MHz
Output High Voltage
VMCOH
IOUT =1mA, VCC=5V
3.7
V
Output Low Voltage
VMCOL
IOUT =1mA
200
mV
Input Bias Current
IBM
@MCI
-40
nA
Muting(
ΔGain)
GMT
f=1kHz, VMUT=2V
300Hz<f<10kHz
-55
-68
dB
MUT Input Resistance
RMUT
VCC=VMUT=6.5V
50
90
kΩ
MUT High Input Voltage
VMUTH
2
Vcc
V
MUT Low Input Voltage
VMUTL
0
0.8
V
Distortion
THDM
300Hz<f<10kHz
0.15
%
HYBID AMPLIFIER
HTO-Offset
HVOS
VHTO-~VB, RF=51kΩ
-20
0
20
mV
HTO- to HTO+ Offset
HBVOS
RF =51kΩ
-30
0
30
mV
Open Loop Gain
AVOLH
HTI to HTO-, F<100Hz
60
80
dB
Gain Bandwidth
GBWH
1
MHz
Closed Loop Gain
AVCLH
HTO- to HTO+
-0.35
0
0.35
dB
Input Bias Current(@HTI)
IBH
-30
nA
HTO- High Voltage
VHT-H
IOUT =-5mA
3.7
V
HTO- Low Voltage
VHT-L
IOUT =+5mA
250
mV
HTO+ High Voltage
VHT+H
IOUT =-5mA
3.7
V
HTO+ Low Voltage
VHT+L
IOUT =+5mA
450
mV
Distortion
THDM
300Hz<f<10kHz
0.3
%
Level Detectors And Background Noise Monitors
Transmit-Receive Switching
Threshold( Ratio of Current at RLI1+RLI2 to
20
μA at TLI1+TLI2 to Switch from Tx to Rx)
ITH
0.8
1
1.2
Source Current at RLO1, RLO2, TLO1, TLO2
ILSO
-2
mA
Sink Current at RLO1, RLO2, TLO1, TLO2
ILSK
4
µA
CPR, CPT Output Resistance
RCP
IOUT =1.5mA
35
Ω
CPR, CPT Leakage Current
ICPLK
-0.2
µA
Filter
Voltage Offset at FO
FOVOS
VFO-VB, 220kΩ from VB to FI
-200
-90
0
mV
FO Sink Current
IFO
150
260
400
µA
FI Bias Current
IFI
-50
nA
SYSTEM Distortion (f=1kHz)
RX Mode
THDR
from FI to RXO,
FO connected to RXI
0.5
3
%
TX Mode
THD
from MCI to HTO-/HTO+,
includes TX attenuator
0.8
3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com