Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCM101G-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UCM101G-AF5-R
Description  BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCM101G-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UCM101G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UCM101G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UCM101G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UCM101G-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UCM101
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-933.a
PIN CONFIGURATION
GND
S-
Flag
S+
OUT
1
23
4
5
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
Flag
This is the current direction pin. It is open collector and allows the logic high level to be
set independent of VS+ voltage. Low indicates VS+ is greater than VS-
2
GND
Ground pin
3
OUT
Output voltage pin
4
S+
This is the positive input of the current monitor. It also acts as the supply voltage pin
providing current for internal circuitry. The current through this pin varies with differential
sense voltage
5
S-
This is the negative input of the current monitor. The current through this pin varies with
differential sense voltage
BLOCK DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com