Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA301 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # GA301
Description  SILICON CONTROLLED RECTIFIER NANOSECOND SWITCHING PLANAR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

GA301 Datasheet(HTML) 1 Page - Digitron Semiconductors

  GA301 Datasheet HTML 1Page - Digitron Semiconductors GA301 Datasheet HTML 2Page - Digitron Semiconductors GA301 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
GA300, GA300A, GA301, GA301A
SILICON CONTROLLED RECTIFIER
NANOSECOND SWITCHING PLANAR
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RANKINGS
GA300
GA300A
GA301
GA301A
Repetitive Peak Off State Voltage
VDRM
60V
100V
Repetitive Peak On-State Current
ITRM
Up to 100A
Peak Gate Current
IGM
250 mA
Average Gate Current
IG(AV)
25 mA
Reverse Gate Current
IGR
3 mA
Reverse Gate Voltage
VGR
5 V
Storage Temperature Range
-65 to +150°C
Operating Temperature Range
0 to +125°C
ELECTRICAL CHARACTERISTICS (@ 25°C unless otherwise noted)
Test
Symbol
Min
Typical
Max
Units
Conditions
Delay Time
td
-
20
10
30
-
ns
IG = 20 mA, IT = 1 A
IG = 30 mA, IT = 1A
Rise Time (Note 1)
GA300, GA300A
tr
-
15
25
25
-
ns
VD = 60 V, IT = 1 A
VD = 60 V, IT = 30 A (Note 1)
Rise Time (Note 1)
GA301, GA301A
tr
-
10
20
20
-
ns
VD = 100 V, IT = 1A
VD = 100 V, IT = 30 A (Note 1)
Circuit Commutated Turn Off Time
GA300, GA301
0.8
2.0
GA300A, GA301A
tq
-
0.3
0.5
µs
IT = 1 A, IR = 1 A, RGK = 1K
Gate Trigger On Pulse Width
tpg(on)
-
0.02
0.05
µs
IG = 10 mA, IT = 1 A
Off-State Current
IDRM
-
-
0.01
20
0.1
100
µA
VDRM = Rating, RGK = 1K, T = 25°C
VDRM = Rating, RGK = 1K, T = 125°C
Reverse Current (Note 2)
IRRM
-
1.0
10
mA
VRRM = 30 V, RGK = 1 K (Note 2)
Gate Trigger Voltage
VGT
0.4
0.10
0.6
0.2
0.75
-
V
VD = 5V, RGS = 100 Ω, T = 25°C
VD = 5 V, RGS = 100 Ω, T = 125°C
Gate Trigger Current
IGT
-
10
200
µA
VD = 5 V, RGS = 10 K
On-State Voltage
VT
-
1.1
1.5
V
IT = 2 A
Off-State Voltage – Critical Rate of Rise
dV/dt
15
30
-
V/µs
VD = 30 V, RGK = 1 K
Reverse Gate Current
IGR
-
0.01
0.1
mA
VGR = 5 V
Holding Current
IH
0.3
0.05
2.0
0.4
5.0
-
mA
VD = 5V, RGK = 1 K, T = 25°C
VD = 5 V, RGK = 1 K, T = 125°C
Note 1 – IG = 10 mA, Pulse Test: Duty Cycle < 1%.
Note 2 – Pulse test intended to guarantee reverse anode voltage capability for pulse commutation. Device should not be operated in the reverse blocking mode on a continuous
basis.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - GA301

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GA301 MICROSEMI-GA301 Datasheet
132Kb / 3P
SCRs Commercial Nanosecond Switching Planar
GA301A MICROSEMI-GA301A Datasheet
132Kb / 3P
SCRs Commercial Nanosecond Switching Planar
More results

Similar Description - GA301

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GA200 MICROSEMI-GA200 Datasheet
140Kb / 3P
SCRs Nanosecond Switching, Planar
GA300 MICROSEMI-GA300 Datasheet
132Kb / 3P
SCRs Commercial Nanosecond Switching Planar
logo
Electronic devices inc.
RC05 EDI-RC05 Datasheet
40Kb / 2P
FAST RECOVERY 200 NANOSECOND SILICON RECTIFIER
logo
Digitron Semiconductors
GA200 DIGITRON-GA200 Datasheet
173Kb / 4P
SILICON CONTROLLED RECTIFIER NANOSECOND SWITCHING PLANAR
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
BUZ20 ISC-BUZ20 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
BUZ32 ISC-BUZ32 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
IRF120 ISC-IRF120 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF253 ISC-IRF253 Datasheet
48Kb / 2P
Nanosecond Switching Speed
IRF305 ISC-IRF305 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com